Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR410 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MUR410
Description  Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MUR410 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MUR410 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MUR410 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIP Type
www.kexin.com.cn
2
Diodes
Typical Characterisitics
0
0
1
1
4
0
25
50
75
8
Figure 3
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
100
150
200
Average Forward Rectified Current - Amperesversus
Ambient Temperature -°C
Figure 2
Forward Derating Curve
0
5
2
1
0
0
1
5
7
0
5
5
7
1
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°
C
150
4
5
6
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25°C
40
60
100
1.4
Ultra Fast Recovery Diodes
MUR405 ~ MUR4100


Similar Part No. - MUR410

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR410 MCC-MUR410 Datasheet
318Kb / 3P
   4 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
logo
Jinan Gude Electronic D...
MUR410 JGD-MUR410 Datasheet
143Kb / 2P
   4.0 AMPS. ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR410 LUGUANG-MUR410 Datasheet
175Kb / 2P
   Super Fast Rectifiers
logo
Diode Semiconductor Kor...
MUR410 DSK-MUR410 Datasheet
288Kb / 2P
   SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
MUR410 YIXIN-MUR410 Datasheet
240Kb / 2P
   ULTRA FAST RECTIFIERS
More results

Similar Description - MUR410

ManufacturerPart #DatasheetDescription
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
logo
List of Unclassifed Man...
MUR6020PT ETC2-MUR6020PT Datasheet
94Kb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
MUR1560S SIRECT-MUR1560S Datasheet
130Kb / 3P
   Ultra Fast Recovery Diodes
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
   Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
   Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
   Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
   Ultra Fast Recovery Diodes
logo
Guangdong Kexin Industr...
US1AF KEXIN-US1AF Datasheet
1Mb / 3P
   Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPR502D SIRECT-STPR502D Datasheet
77Kb / 2P
   Ultra Fast Recovery Diodes
STPR810D SIRECT-STPR810D Datasheet
78Kb / 2P
   Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
STPR1505D SIRECTIFIER-STPR1505D Datasheet
75Kb / 2P
   Ultra Fast Recovery Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com