Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2520FCT Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # MBR2520FCT
Description  25 AMPERE SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MBR2520FCT Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  MBR2520FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MBR2520FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MBR2520FCT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MBR2520FCT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
包装规范
Packing 包装 Dimension 尺寸
Qty 数
Picture 图示
Bag/Tube
袋/管装
527mm*33mm*7mm
50
PCS
Inner box
内盒
555mm*140mm*55mm
2000
PCS
Carton
外箱
575mm*285mm *155mm
8000
PCS
TO/ITO220
亞 昕 科 技 股 份 有 限 公 司
YEASHIN TECHNOLOGY CO., LTD.
http://www.yeashin.com


Similar Part No. - MBR2520FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2520 MCC-MBR2520 Datasheet
98Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2520 KERSEMI-MBR2520 Datasheet
819Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR25200CT PANJIT-MBR25200CT Datasheet
85Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
MBR25200Ct YANGJIE-MBR25200Ct Datasheet
145Kb / 2P
   SCHOTTKY Diodes
logo
Nantong Hornby Electron...
MBR25200CT HORNBY-MBR25200CT Datasheet
261Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR2520FCT

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
SB2520CT YEASHIN-SB2520CT Datasheet
1Mb / 4P
   25 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT_11 Datasheet
132Kb / 3P
   25 Ampere Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
MBR2520CT YEASHIN-MBR2520CT Datasheet
1Mb / 4P
   25 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com