Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFL2N05 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFL2N05
Description  2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFL2N05 Datasheet(HTML) 4 Page - Intersil Corporation

  RFL2N05 Datasheet HTML 1Page - Intersil Corporation RFL2N05 Datasheet HTML 2Page - Intersil Corporation RFL2N05 Datasheet HTML 3Page - Intersil Corporation RFL2N05 Datasheet HTML 4Page - Intersil Corporation RFL2N05 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5-4
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 10. FORWARD TRANSCONDUCTANCE vs DRAIN
CURRENT
NOTE: Refer to Harris Application Notes AN7254 and AN7260.
FIGURE 11. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
1.5
1.0
0.5
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V
ID = 1A
2.0
0
1.5
1.0
0.5
50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS
ID = 250µA
0
0
1020
3040
50
60
70
VDS, DRAIN TO SOURCE VOLTAGE (V)
240
200
160
120
80
40
f = 1MHz
CISS
COSS
CRSS
0
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGS
0
0.5
1
1.5
2
2.5
3
ID, DRAIN CURRENT (A)
1200
1000
800
600
400
200
VDS = 10V
80
µsPULSE TEST
-40oC
25oC
125oC
0
80
45
30
15
0
10
8
6
4
0
2
GATE
SOURCE
VOLTAGE
IG(REF)
IG(ACT)
0.75VDSS
0.75VDSS
0.50VDSS
0.50VDSS
0.25VDSS
0.25 VDSS
VDD = VDSS
VDD = VDSS
BVDSS
RL = 15
IG(REF) = 0.095mA
VGS = 10V
t, TIME (
µs)
20
80
DRAIN TO SOURCE
IG(REF)
IG(ACT)
VOLTAGE
TO
RFL2N05, RFL2N06


Similar Part No. - RFL2N05

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFL2N05 NJSEMI-RFL2N05 Datasheet
94Kb / 2P
   2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
More results

Similar Description - RFL2N05

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFL2N05 NJSEMI-RFL2N05 Datasheet
94Kb / 2P
   2A, 50V and 60V, 0.95 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP4N05 INTERSIL-RFP4N05 Datasheet
40Kb / 5P
   4A, 50V and 60V, 0.800 Ohm, N-Channel Power MOSFETs
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFP4N05L INTERSIL-RFP4N05L Datasheet
35Kb / 5P
   4A, 50V and 60V, 0.800 Ohm, Logic Level, N-Channel Power MOSFETs
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com