Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C6V2W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BZX84C6V2W
Description  Surface Mount Zener Voltage Regulator Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX84C6V2W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BZX84C6V2W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX84C6V2W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
BZX84CxxxW Series
200 mW SOT-323 Series
Surface Mount Zener Voltage Regulator Diodes
01-July-2009 Rev. B
Page 2 of 2
CHARACTERISTIC CURVES
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Fig. 2 Zener Breakdown Characteristics
Z
T = 25°C
j
C2V7
C3V3
C3V9
C4V7
C5V6
C6V8
C8V2
Test Current I
5.0mA
Z
400
T , AMBIENT TEMPERATURE, °C
Fig. 1. Power Derating Curve
A
See Note 1
200
100
300
0
500
0
100
200
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3, Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15


Similar Part No. - BZX84C6V2W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C6V2W PANJIT-BZX84C6V2W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
BZX84C6V2W HTSEMI-BZX84C6V2W Datasheet
243Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Diodes Incorporated
BZX84C6V2W DIODES-BZX84C6V2W Datasheet
59Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Shenzhen Luguang Electr...
BZX84C6V2W LUGUANG-BZX84C6V2W Datasheet
249Kb / 3P
   Zener Diode
logo
Micro Commercial Compon...
BZX84C6V2W MCC-BZX84C6V2W Datasheet
125Kb / 4P
   Silicon 200 mWatt Zener Diodes
More results

Similar Description - BZX84C6V2W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
MMBZ52 SECOS-MMBZ52_15 Datasheet
84Kb / 5P
   Surface Mount Zener Voltage Regulator Diodes
UDZSXXXB SECOS-UDZSXXXB_15 Datasheet
342Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4 SECOS-BZX84C2V4 Datasheet
284Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com