Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFK25N20 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFK25N20
Description  25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFK25N20 Datasheet(HTML) 1 Page - Intersil Corporation

  RFK25N20 Datasheet HTML 1Page - Intersil Corporation RFK25N20 Datasheet HTML 2Page - Intersil Corporation RFK25N20 Datasheet HTML 3Page - Intersil Corporation RFK25N20 Datasheet HTML 4Page - Intersil Corporation RFK25N20 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFK25N18, RFK25N20
25A, 180V and 200V, 0.150 Ohm,
N-Channel Power MOSFETs
These are N-Channel enhancement mode silicon gate
power field effect transistors designed for applications such
as switching regulators, switching converters, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA09594.
Features
• 25A, 180V and 200V
•rDS(ON) = 0.150Ω
Symbol
Packaging
JEDEC TO-204AE
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFK25N18
TO-204AE
RFK25N18
RFK25N20
TO-204AE
RFK25N20
NOTE: When ordering, use the entire part number.
G
D
S
DRAIN
(FLANGE)
SOURCE (PIN 2)
GATE (PIN 1)
October 1998
File Number
1500.3
Data Sheet


Similar Part No. - RFK25N20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFK25P08 INTERSIL-RFK25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFK25P08 NJSEMI-RFK25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFK25P10 INTERSIL-RFK25P10 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFK25P10 NJSEMI-RFK25P10 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results

Similar Description - RFK25N20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM12N18 INTERSIL-RFM12N18 Datasheet
35Kb / 4P
   12A, 180V and 200V, 0.250 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1N10 NJSEMI-RFL1N10 Datasheet
96Kb / 2P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
   15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com