Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFK25N18 Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFK25N18
Description  25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFK25N18 Datasheet(HTML) 2 Page - Intersil Corporation

  RFK25N18 Datasheet HTML 1Page - Intersil Corporation RFK25N18 Datasheet HTML 2Page - Intersil Corporation RFK25N18 Datasheet HTML 3Page - Intersil Corporation RFK25N18 Datasheet HTML 4Page - Intersil Corporation RFK25N18 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFK25N18
RFK25N20
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
180
200
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . VDGR
180
200
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
25
25
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
60
60
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
150
150
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2
1.2
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . TL
260
260
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0
RFK25N18
180
-
-
V
RFK25N20
200
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
2-4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
1
µA
VDS = 0.8 x Rated BVDSS,VGS = 0V, TC = 125
oC-
-
25
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 25A, VGS = 10V (Figures 6, 7)
-
-
0.150
Drain to Source On Voltage (Note 2)
VDS(ON)
ID = 25A, VGS = 10V
-
-
3.75
V
Turn On Delay Time
td(ON)
ID 12.5A, VDD = 100V, RG = 50 , VGS = 10V
RL = 8 ,
(Figures 10, 11, 12)
-40
80
ns
Rise Time
tr
-
150
225
ns
Turn-Off Delay Time
td(OFF)
-
300
400
ns
Fall Time
tf
-
120
200
ns
Input Capacitance
CISS
VGS = 0V, VDS = 25V
f = 1MHz
(Figure 9)
-
-
3500
pF
Output Capacitance
COSS
-
-
900
pF
Reverse Transfer Capacitance
CRSS
-
-
400
pF
Thermal Resistance Junction to Case
R
θJC
-
-
0.83
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 12.5A
-
-
1.4
V
Diode Reverse Recovery Time
trr
ISD = 4A, dISD/dt = 100A/µs
-
300
-
ns
NOTES:
2. Pulse test: pulse width
≤ 300µs Duty Cycle ≤ 2%.
3. Repetitive rating: pulse width is limited by maximum junction temperature.
RFK25N18, RFK25N20


Similar Part No. - RFK25N18

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFK25P08 INTERSIL-RFK25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFK25P08 NJSEMI-RFK25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFK25P10 INTERSIL-RFK25P10 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFK25P10 NJSEMI-RFK25P10 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results

Similar Description - RFK25N18

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM12N18 INTERSIL-RFM12N18 Datasheet
35Kb / 4P
   12A, 180V and 200V, 0.250 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1N10 NJSEMI-RFL1N10 Datasheet
96Kb / 2P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
   1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
   15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com