Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFG60P05E Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFG60P05E
Description  60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFG60P05E Datasheet(HTML) 4 Page - Intersil Corporation

  RFG60P05E Datasheet HTML 1Page - Intersil Corporation RFG60P05E Datasheet HTML 2Page - Intersil Corporation RFG60P05E Datasheet HTML 3Page - Intersil Corporation RFG60P05E Datasheet HTML 4Page - Intersil Corporation RFG60P05E Datasheet HTML 5Page - Intersil Corporation RFG60P05E Datasheet HTML 6Page - Intersil Corporation RFG60P05E Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-150
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
-200
-100
-10
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
If R = 0
tAV = (L) (IAS) / (1.3RATED BVDSS - VDD)
If R
≠ 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
STARTING TJ = 150
oC
STARTING TJ = 25
oC
0
0-2
-4
-6
-8
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -8V
VGS = -7V
VGS = -10V
-40
-80
-120
-160
VGS = -20V
VGS = -6V
VGS = -5V
VGS = -4.5V
PULSE DURATION = 80
µs
TC = 25
oC
DUTY CYCLE = 0.5% MAX
0
-2
-4
-6
-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
0
175oC
25oC
-40
-80
-160
-120
PULSE DURATIONM = 80
µs
DUTY CYCLE = 0.5% MAX
-55oC
VDD = -15V
2
1.5
1
0.5
0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = -10V, ID = 60A
DUTY CYCLE = 0.5% MAX
2
1.5
1
0.5
0
-80
-40
0
40
80
160
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
2
1.5
1
0.5
0
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
RFG60P05E


Similar Part No. - RFG60P05E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
More results

Similar Description - RFG60P05E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P05E FAIRCHILD-RFG60P05E Datasheet
403Kb / 8P
   60A, 50V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
RFG60P06E FAIRCHILD-RFG60P06E Datasheet
380Kb / 8P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
   60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
RFF60P06 INTERSIL-RFF60P06 Datasheet
88Kb / 8P
   25A?? 60V, 0.030 Ohm, P-Channel Power MOSFET
RFT1P06E INTERSIL-RFT1P06E Datasheet
82Kb / 8P
   1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
60N05 UTC-60N05 Datasheet
136Kb / 3P
   60A, 50V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
   8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com