Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP50N06 Datasheet(PDF) 7 Page - Intersil Corporation

Part # RFP50N06
Description  50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP50N06 Datasheet(HTML) 7 Page - Intersil Corporation

  RFP50N06 Datasheet HTML 1Page - Intersil Corporation RFP50N06 Datasheet HTML 2Page - Intersil Corporation RFP50N06 Datasheet HTML 3Page - Intersil Corporation RFP50N06 Datasheet HTML 4Page - Intersil Corporation RFP50N06 Datasheet HTML 5Page - Intersil Corporation RFP50N06 Datasheet HTML 6Page - Intersil Corporation RFP50N06 Datasheet HTML 7Page - Intersil Corporation RFP50N06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-473
PSPICE Electrical Model
.SUBCKT RFP50N06213
REV 2/22/93
*NOM TEMP = 25oC
CA 12 8 3.68e-9
CB 15 14 3.625e-9
CIN 6 8 1.98e-9
DBODY 7 5 DBDMOD
DBREAK 5 11DBKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 64.59
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTO 20 6 18 8 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 5.65e-9
LSOURCE 3 7 4.13e-9
MOS1 16 6 8 8 MOSMOD M=0.99
MOS2 16 21 8 8 MOSMOD M=0.01
RBREAK 17 18 RBKMOD 1
RDRAIN 5 16 RDSMOD 1e-4
RGATE 9 20 0.690
RIN 6 8 1e9
RSOURCE 8 7 RDSMOD 12e-3
RVTO 18 19 RVTOMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 8 19 DC 1
VTO 21 6 0.678
.MODEL DBDMOD D (IS=9.85e-13 RS=4.91e-3 TRS1=2.07e-3 TRS2=2.51e-7 CJO=2.05e-9 TT=4.33e-8)
.MODEL DBKMOD D (RS=1.98e-1 TRS1=2.35E-4 TRS2=-3.83e-6)
.MODEL DPLCAPMOD D (CJO=1.42e-9 IS=1e-30 N=10)
.MODEL MOSMOD NMOS (VTO=3.65 KP=35 IS=1e-30 N=10 TOX=1 L=1u W=1u)
.MODEL RBKMOD RES (TC1=1.23e-3 TC2=-2.34e-7)
.MODEL RDSMOD RES (TC1=5.01e-3 TC2=1.49e-5)
.MODEL RVTOMOD RES (TC1=-5.03e-3 TC2=-5.16e-6)
.MODEL S1AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-6.75 VOFF=-2.5)
.MODEL S1BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-2.5 VOFF=-6.75)
.MODEL S2AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-2.7 VOFF=2.3)
.MODEL S2BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=2.3 VOFF=-2.7)
.ENDS
NOTE: For further discussion of the PSPICE model consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature
Options; authors, William J. Hepp and C. Frank Wheatley.
10
DPLCAP
RDRAIN
DBREAK
LDRAIN
DRAIN
SOURCE
LSOURCE
DBODY
RBREAK
RVTO
VBAT
+
-
19
IT
RSOURCE
EBREAK
MOS2
EDS
EGS
RIN
CIN
VTO
ESG
S1A
S2A
S2B
S1B
CB
CA
EVTO
RGATE
GATE
LGATE
5
2
18
17
7
11
21
8
6
16
20
9
1
12
15
14
13
13
8
14
13
+
-
+
-
+
-
-
+
-
-
MOS1
3
6
8
5
8
18
8
6
8
17
18
RFG50N06, RFP50N06, RF1S50N06SM


Similar Part No. - RFP50N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP50N06 FAIRCHILD-RFP50N06 Datasheet
375Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Thinki Semiconductor Co...
RFP50N06 THINKISEMI-RFP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
logo
Intersil Corporation
RFP50N06LE INTERSIL-RFP50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP50N06LE VBSEMI-RFP50N06LE Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - RFP50N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG50N06 FAIRCHILD-RFG50N06 Datasheet
375Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06LE INTERSIL-RFG50N06LE Datasheet
412Kb / 8P
   50A, 60V, 0.022 Ohm, Logic Level N-Channel Power MOSFETs
RFG50N05 INTERSIL-RFG50N05 Datasheet
47Kb / 6P
   50A, 50V, 0.022 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Thinki Semiconductor Co...
FTK50N06P THINKISEMI-FTK50N06P Datasheet
1Mb / 7P
   50A,60V Heatsink Planar N-Channel Power MOSFETs
WGP50N06 THINKISEMI-WGP50N06 Datasheet
1Mb / 7P
   50A,60V Heatsink Planar N-Channel Power MOSFETs
WVM50N06 THINKISEMI-WVM50N06 Datasheet
1Mb / 7P
   50A,60V Heatsink Planar N-Channel Power MOSFETs
WG50N06 THINKISEMI-WG50N06 Datasheet
1Mb / 7P
   50A,60V Heatsink Planar N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com