Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWB519 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # AWB519
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB519 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button AWB519 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB519 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
ASB Inc.
 sales@asb.co.kr
January 2014
AWB512
5. Application: 5 ~ 300 MHz (CATV reverse, Vsupply = +8 V)
5.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB512
-
-
MMIC Amplifier
ASB
C1, C2
1
F
0603
DC blocking capacitor
Murata
C3
10
F
0805
Decoupling capacitor
Murata
C4
1
F
0603
Feedback capacitor
Murata
L1
22
H
1206
RF choke inductor
Murata
L2
2.2
H
0603
Matching inductor
Samsung
L3
2.7
H
0603
Matching inductor
Samsung
R1
120
0603
Matching resistor
Samsung
R2
180
0603
Matching resistor
Samsung
R3
2.7 k
0603
Feedback resistor
Samsung
C4
C3
R3
C2
RF IN
AWB512
Vdevice = +8 V
RF OUT
L2
C1
R1
L1
R2
L3
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-A10


Similar Part No. - AWB519

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB519 ASB-AWB519 Datasheet
961Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
April 2014
AWB519 ASB-AWB519 Datasheet
893Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
AWB519 ASB-AWB519 Datasheet
966Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB519 ASB-AWB519_17 Datasheet
966Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results

Similar Description - AWB519

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB519 ASB-AWB519_17 Datasheet
966Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB517 ASB-AWB517 Datasheet
893Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
AWB519 ASB-AWB519 Datasheet
961Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
April 2014
AWB31D7 ASB-AWB31D7 Datasheet
746Kb / 15P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
October 2014
AWB512 ASB-AWB512_17 Datasheet
870Kb / 15P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB517 ASB-AWB517_17 Datasheet
889Kb / 17P
   5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
ABU1519 ASB-ABU1519 Datasheet
756Kb / 12P
   5 ~ 1400 MHz Wide-band CATV Linear Amplifier MMIC
August 2017
ABU1513 ASB-ABU1513 Datasheet
752Kb / 12P
   5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
August 2017
AWB317 ASB-AWB317 Datasheet
1Mb / 19P
   5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB312 ASB-AWB312 Datasheet
1Mb / 25P
   5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com