Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFG40N10 Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFG40N10
Description  40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFG40N10 Datasheet(HTML) 4 Page - Intersil Corporation

  RFG40N10 Datasheet HTML 1Page - Intersil Corporation RFG40N10 Datasheet HTML 2Page - Intersil Corporation RFG40N10 Datasheet HTML 3Page - Intersil Corporation RFG40N10 Datasheet HTML 4Page - Intersil Corporation RFG40N10 Datasheet HTML 5Page - Intersil Corporation RFG40N10 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-453
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 11. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
2.5
2.0
1.5
1.0
0.5
0
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = 10V, ID = 40A
DUTY CYCLE = 0.5% MAX
1.50
1.25
1.00
0.75
0
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
0.50
0.25
VGS = VDS
ID = 250µA
2.0
1.5
1.0
0.5
0
-50
0
50
100
150
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
CISS
COSS
CRSS
6000
4000
2000
1000
0
0
5
10
15
20
25
VDS, DRAIN TO SOURCE VOLTAGE (V)
5000
3000
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
100
75
50
25
0
10
7.5
5.0
2.5
0
20
Ig(REF)
Ig(ACT)
80
Ig(REF)
Ig(ACT)
t, TIME (
µs)
RL = 2.5Ω
Ig(REF) = 2.25mA
VGS = 10V
VDD = BVDSS
VDD = BVDSS
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
0.50 BVDSS
0.25 BVDSS
0.75 BVDSS
RFG40N10, RFP40N10, RF1S40N10SM


Similar Part No. - RFG40N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG40N10LE INTERSIL-RFG40N10LE Datasheet
413Kb / 8P
   40A, 100V, 0.040 Ohm, Logic Level N-Channel Power MOSFETs
More results

Similar Description - RFG40N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG40N10 FAIRCHILD-RFG40N10 Datasheet
371Kb / 6P
   40A, 100V, 0.040 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG40N10LE INTERSIL-RFG40N10LE Datasheet
413Kb / 8P
   40A, 100V, 0.040 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUFA75631P3 FAIRCHILD-HUFA75631P3 Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
HUF75631P3 FAIRCHILD-HUF75631P3 Datasheet
202Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
FRK160D INTERSIL-FRK160D Datasheet
48Kb / 6P
   50A, 100V, 0.040 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Shindengen Electric Mfg...
P40B10SN SHINDENGEN-P40B10SN Datasheet
1Mb / 7P
   Power MOSFETs 100V, 40A, N-channel
P40B10SL SHINDENGEN-P40B10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 40A, N-channel
logo
Intersil Corporation
IRFP140N INTERSIL-IRFP140N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
IRF540N INTERSIL-IRF540N Datasheet
126Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRF540N FAIRCHILD-IRF540N Datasheet
138Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com