Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQK0201QGDQA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RQK0201QGDQA
Description  Silicon N Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQK0201QGDQA Datasheet(HTML) 1 Page - Renesas Technology Corp

  RQK0201QGDQA_15 Datasheet HTML 1Page - Renesas Technology Corp RQK0201QGDQA_15 Datasheet HTML 2Page - Renesas Technology Corp RQK0201QGDQA_15 Datasheet HTML 3Page - Renesas Technology Corp RQK0201QGDQA_15 Datasheet HTML 4Page - Renesas Technology Corp RQK0201QGDQA_15 Datasheet HTML 5Page - Renesas Technology Corp RQK0201QGDQA_15 Datasheet HTML 6Page - Renesas Technology Corp RQK0201QGDQA_15 Datasheet HTML 7Page - Renesas Technology Corp RQK0201QGDQA_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0301EJ0500 Rev.5.00
Page 1 of 7
Jan 10, 2014
Preliminary Datasheet
RQK0201QGDQA
Silicon N Channel MOS FET
Power Switching
Features
• Low on-resistance
RDS(on) = 25 m
Ω typ (V
GS = 4.5 V, ID = 2.4 A)
• Low drive current
• High speed switching
• 2.5 V gate drive
Outline
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
1. Source
2. Gate
3. Drain
S
D
G
2
1
3
1
2
3
Note:
Marking is “QG”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
20
V
Gate to source voltage
VGSS
±12
V
Drain current
ID
4.5
A
Drain peak current
ID(pulse)
Note1
15
A
Body - drain diode reverse drain current
IDR
4.5
A
Channel dissipation
Pch
Note2
0.8
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. When using the glass epoxy board (FR-4: 40 x 40 x 1 mm)
R07DS0301EJ0500
Rev.5.00
Jan 10, 2014


Similar Part No. - RQK0201QGDQA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQK0201QGDQA RENESAS-RQK0201QGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - RQK0201QGDQA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com