Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7173 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7173
Description  Digital PAL/NTSC Video Encoder with Six DACs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7173 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7173_15 Datasheet HTML 3Page - Analog Devices ADV7173_15 Datasheet HTML 4Page - Analog Devices ADV7173_15 Datasheet HTML 5Page - Analog Devices ADV7173_15 Datasheet HTML 6Page - Analog Devices ADV7173_15 Datasheet HTML 7Page - Analog Devices ADV7173_15 Datasheet HTML 8Page - Analog Devices ADV7173_15 Datasheet HTML 9Page - Analog Devices ADV7173_15 Datasheet HTML 10Page - Analog Devices ADV7173_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
REV. B
ADV7172/ADV7173
–7–
3.3 V TIMING SPECIFICATIONS
(VAA = 3.0 V–3.6 V
1, V
REF = 1.235 V, RSET1,2 = 600
. All specifications TMIN to TMAX
2 unless
otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
MPU PORT
3, 4
SCLOCK Frequency
0
400
kHz
SCLOCK High Pulsewidth, t1
0.6
µs
SCLOCK Low Pulsewidth, t2
1.3
µs
Hold Time (Start Condition), t3
After this period the 1st clock is generated
0.6
µs
Setup Time (Start Condition), t4
relevant for repeated Start Condition.
0.6
µs
Data Setup Time, t5
100
ns
SDATA, SCLOCK Rise Time, t6
300
ns
SDATA, SCLOCK Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
0.6
µs
ANALOG OUTPUTS
3, 5
Analog Output Delay
7ns
DAC Analog Output Skew
0
ns
CLOCK CONTROL AND
PIXEL PORT
4, 5, 6
fCLOCK
27
MHz
Clock High Time, t9
8ns
Clock Low Time, t10
8ns
Data Setup Time, t11
4.0
ns
Data Hold Time, t12
5ns
Control Setup Time, t11
5ns
Control Hold Time, t12
3ns
Digital Output Access Time, t13
20
ns
Digital Output Hold Time, t14
12
ns
Pipeline Delay, t15
37
Clock Cycles
TELETEXT PORT
3, 4, 7
Digital Output Access Time, t16
23
ns
Data Setup Time, t17
2ns
Data Hold Time, t18
6ns
RESET CONTROL
3, 4
RESET Low Time
3ns
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 3.0 V to 3.6 V.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3TTL input values are 0 to 3 volts, with input rise/fall times
≤ 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and
outputs. Analog output load
≤ 10 pF.
4Guaranteed by characterization.
5Output delay measured from the 50% point of the rising edge of CLOCK to the 50% point of full-scale transition.
6Pixel Port consists of the following:
Pixel Inputs:
P7–P0
Pixel Controls:
HSYNC, FIELD/VSYNC, BLANK, VSO, CSO_HSO, CLAMP
Clock Input:
CLOCK
7Teletext Port consists of the following:
Teletext Output:
TTXREQ
Teletext Input:
TTX
Specifications subject to change without notice.


Similar Part No. - ADV7173_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7173KST AD-ADV7173KST Datasheet
455Kb / 59P
   Digital PAL/NTSC Video Encoder with Six DACs 10 Bits, Color Control and Enhanced Power Management
REV. A
ADV7173KST AD-ADV7173KST Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
ADV7173KST-REEL AD-ADV7173KST-REEL Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
REV. B
More results

Similar Description - ADV7173_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7172 AD-ADV7172_15 Datasheet
469Kb / 60P
   Digital PAL/NTSC Video Encoder with Six DACs
REV. B
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com