Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7170 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7170
Description  Digital PAL/NTSC Video Encoder with 10-Bit
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7170 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7170_15 Datasheet HTML 7Page - Analog Devices ADV7170_15 Datasheet HTML 8Page - Analog Devices ADV7170_15 Datasheet HTML 9Page - Analog Devices ADV7170_15 Datasheet HTML 10Page - Analog Devices ADV7170_15 Datasheet HTML 11Page - Analog Devices ADV7170_15 Datasheet HTML 12Page - Analog Devices ADV7170_15 Datasheet HTML 13Page - Analog Devices ADV7170_15 Datasheet HTML 14Page - Analog Devices ADV7170_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ADV7170/ADV7171
Rev. C | Page 11 of 64
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
44 43 42
41
40 39 38
37 36 35 34
32
DAC A
31
DAC B
30
VAA
27
DAC D
28
VAA
29
GND
33
VREF
26
DAC C
25
COMP
24
SDATA
23 SCLOCK
2
P5
3
P6
4
P7
7
P10
6
P9
5
P8
1
VAA
8
P11
9
P12
10
GND
11
VAA
12 13
14
15
16 17 18
19 20 21
22
PIN 1
ADV7170/ADV7171
MQFP/TQFP
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Description
1, 11, 20, 28, 30
VAA
P
Power Supply (3 V to 5 V).
2 to 9, 12 to 14,
38 to 42
P15 to P0
I
8-Bit 4:2:2 Multiplexed YCrCb Pixel Port (P7 to P0) or 16-Bit YCrCb Pixel Port (P15 to P0).
P0 represents the LSB.
10, 19, 21, 29, 43
GND
G
Ground Pin.
15
HSYNC
I/O
HSYNC (Mode 1 and Mode 2) Control Signal. This pin may be configured to output (master
mode) or accept (slave mode) sync signals.
16
FIELD/VSYNC
I/O
Dual Function FIELD (Mode 1) and VSYNC (Mode 2) Control Signal. This pin may be
configured to output (master mode) or accept (slave mode) these control signals.
17
BLANK
I/O
Video Blanking Control Signal. The pixel inputs are ignored when this is Logic Level 0. This
signal is optional.
18
ALSB
I
TTL Address Input. This signal sets up the LSB of the MPU address.
22
RESET
I
The input resets the on-chip timing generator and sets the ADV7170/ADV7171 into default
mode. This is NTSC operation, Timing Slave Mode 0, 8-bit operation, 2 × composite and
S-Video out, and DAC B powered on and DAC D powered off.
23
SCLOCK
I
MPU Port Serial Interface Clock Input.
24
SDATA
I/O
MPU Port Serial Data Input/Output.
25
COMP
O
Compensation Pin. Connect a 0.1 μF capacitor from COMP to VAA. For optimum dynamic
performance in low power mode, the value of the COMP capacitor can be lowered to as low
as 2.2 nF.
26
DAC C
O
RED/S-Video C/V Analog Output.
27
DAC D
O
GREEN/S-Video Y/Y Analog Output.
31
DAC B
O
BLUE/Composite/U Analog Output.
32
DAC A
O
PAL/NTSC Composite Video Output. Full-scale output is 180 IRE (1286 mV) for NTSC and
1300 mV for PAL.
33
VREF
I/O
Voltage Reference Input for DACs or Voltage Reference Output (1.235 V).
34
RSET
I
A 150 Ω resistor connected from this pin to GND is used to control full-scale amplitudes
of the video signals.


Similar Part No. - ADV7170_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7170KS AD-ADV7170KS Datasheet
754Kb / 55P
   Digital PAL/NTSC Video Encoder with 10-Bit SSAF??and Advanced Power Management
REV. 0
ADV7170KSUZ AD-ADV7170KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7170KSUZ-REEL AD-ADV7170KSUZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7170KSZ AD-ADV7170KSZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
ADV7170KSZ-REEL AD-ADV7170KSZ-REEL Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
More results

Similar Description - ADV7170_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171 AD-ADV7171_15 Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder with 10-Bit
Rev. C
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com