Electronic Components Datasheet Search |
|
RFP3055 Datasheet(PDF) 2 Page - Intersil Corporation |
|
RFP3055 Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 8 page 4-436 Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified RFD3055, RFD3055SM, RFP3055 UNITS Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS 60 V Drain to Gate Voltage (RGS = 20KΩ) (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . VDGR 60 V Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS ±20 V Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID 12 A Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Refer to Peak Current Curve A Single Pulse Avalanche Rating (Figures 14, 15) . . . . . . . . . . . . . . . . . . . . . . . . . . IAS Refer to UIS Curve Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD 53 W Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.357 W/oC Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TJ,TSTG -55 to 175 oC Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg 300 260 oC oC CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. TJ = 25 oC to 150oC. Electrical Specifications TC = 25 oC, Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Drain to Source Breakdown Voltage BVDSS ID = 250µA, VGS = 0V (Figure 11) 60 - - V Gate Threshold Voltage VGS(TH) VGS = VDS, ID = 250µA (Figure 10) 2 - 4 V Zero Gate Voltage Drain Current IDSS VDS = Rated BVDSS, VGS = 0V - - 1 µA TC = 125 oC, V DS = 0.8 x Rated BVDSS -- 25 µA Gate to Source Leakage Current IGSS VGS = ±20V - - 100 nA Drain to Source On Resistance rDS(ON) ID = 12A, VGS = 10V (Figure 9) (Note 2) - - 0.150 Ω Turn-On Time tON VDD = 30V, ID = 12A RL = 2.5Ω, VGS = +10V RG = 10Ω (Figure 13) - - 40 ns Turn-On Delay Time td(ON) -7- ns Rise Time tr -21- ns Turn-Off Delay Time td(OFF) -16- ns Fall Time tf -10- ns Turn-Off Time tOFF - - 40 ns Total Gate Charge Qg(TOT) VGS = 0 to 20V VDD = 48V,ID = 12A, RL = 4Ω, Ig(REF) = 0.24mA (Figure 13) -19 23 nC Gate Charge at 10V Qg(10) VGS = 0 to 10V - 10 12 nC Threshold Gate Charge Qg(TH) VGS = 0 to 2V - 0.6 0.8 nC Input Capacitance CISS VDS = 25V, VGS = 0V, f = 1MHz (Figure 12) - 300 - pF Output Capacitance COSS - 100 - pF Reverse Transfer Capacitance CRSS -30- pF Thermal Resistance Junction to Case RθJC - - 2.8 oC/W Thermal Resistance Junction to Ambient RθJA TO-251 and TO-252 - - 100 oC/W TO-220 - - 62.5 oC/W Source to Drain Diode Specifications PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS Source to Drain Diode Voltage VSD ISD = 12A - - 1.5 V Reverse Recovery Time trr ISD = 12A, dISD/dt = 100A/µs - - 100 ns NOTES: 2. Pulse Test: Pulse Width ≤ 300ms, Duty Cycle ≤ 2%. 3. Repetitive Rating: Pulse Width limited by max junction temperature. See Transient Thermal Impedance Curve (Figure 3) and Peak Current Capability Curve (Figure 5). RFD3055, RFD3055SM, RFP3055 |
Similar Part No. - RFP3055 |
|
Similar Description - RFP3055 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |