Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD3055SM Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD3055SM
Description  12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD3055SM Datasheet(HTML) 3 Page - Intersil Corporation

  RFD3055SM Datasheet HTML 1Page - Intersil Corporation RFD3055SM Datasheet HTML 2Page - Intersil Corporation RFD3055SM Datasheet HTML 3Page - Intersil Corporation RFD3055SM Datasheet HTML 4Page - Intersil Corporation RFD3055SM Datasheet HTML 5Page - Intersil Corporation RFD3055SM Datasheet HTML 6Page - Intersil Corporation RFD3055SM Datasheet HTML 7Page - Intersil Corporation RFD3055SM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-437
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
10
8
6
4
2
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
12
14
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t1, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
0.01
0.02
0.05
0.1
0.2
0.5
PDM
t1
t2
SINGLE PULSE
50
10
1
0.1
1
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
1ms
100
µs
10ms
DC
TC = 25
oC
TJ = MAX RATED
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
SINGLE PULSE
10-3
10-2
10-1
100
101
102
103
104
10
100
t, PULSE WIDTH (ms)
VGS = 20V
VGS = 10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
II
25
*
175
T
C
150
----------------------
=
200
TC = 25
oC
RFD3055, RFD3055SM, RFP3055


Similar Part No. - RFD3055SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD3055SM FAIRCHILD-RFD3055SM Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
RFD3055SM HARRIS-RFD3055SM Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
More results

Similar Description - RFD3055SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
   15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
RFD12N06RLE INTERSIL-RFD12N06RLE Datasheet
49Kb / 6P
   12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
   15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
   25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP12N08 NJSEMI-RFP12N08 Datasheet
99Kb / 2P
   12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFM12N08 NJSEMI-RFM12N08 Datasheet
99Kb / 2P
   12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com