Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR64 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAR64
Description  PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAR64 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAR64 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAR64 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAR64 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd BAR64 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
PIN Diodes
BAR64-04/05/06 (KAR64-04/05/06)
Features
High voltage current controlled
RF resistor for RF attenuator and swirches
Freqency range above 1 MHz
Low resistance and short carrier lifetime
For frequencies up to 3 GHz
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
Absolute Maximum Ratings Ta = 25℃
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100uA
200
Forward voltage
VF
IF= 50 mA
1.1
IR1
VR=200 V
10
IR2
VR= 40V
1
IF = 1 mA, f = 100 MHz
20
IF = 10 mA, f = 100 MHz
3.8
IF = 100 mA, f = 100 MHz
1.35
Series inductance
LS
1.4
nH
Capacitance between terminals
CT
VR= 20 V, f= 1 MHz
0.35
pF
Reverse recovery time
trr
IF=10mA ,IR=6mA ,IR=3mA
1.55
us
Reverse voltage leakage current
uA
V
Forward resistance
rf
Ω
BAR64
BAR64-06
BAR64-05
BAR64-04
Parameter
Symbol
Rating
Unit
Peak Reverse Voltage
VR
200
V
Forward Current
IF
100
mA
BAR64
@ Ts≤ 90°C
BAR64-04/05/06
@ Ts ≤ 65°C
Thermal Resistance Junction to Ambient
BAR64
320
BAR64-04/05/06
500
Thermal Resistance Junction to Soldering Point BAR64
240
BAR64-04/05/06
340
Junction Temperature
TJ
150
Operating Temperature Range
Top
-55 to 150
Storage Temperature range
Tstg
-55 to 150
PD
250
mW
RθJA
RθJS
/W
Power Dissipation
IF = 10 mA, f = 100 MHz


Similar Part No. - BAR64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
logo
Infineon Technologies A...
BAR64 INFINEON-BAR64 Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
logo
Guangdong Kexin Industr...
BAR64 KEXIN-BAR64 Datasheet
41Kb / 2P
   Silicon PIN Diode
logo
Siemens Semiconductor G...
BAR64-02 SIEMENS-BAR64-02 Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-02EL INFINEON-BAR64-02EL Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
More results

Similar Description - BAR64

ManufacturerPart #DatasheetDescription
logo
Rohm
RN771V ROHM-RN771V_17 Datasheet
1Mb / 8P
   PIN Diodes
RN779D ROHM-RN779D_15 Datasheet
1Mb / 8P
   PIN Diodes
RN141CM ROHM-RN141CM Datasheet
1Mb / 8P
   PIN Diodes
logo
Jiangsu Changjiang Elec...
BAP50-05W JIANGSU-BAP50-05W Datasheet
200Kb / 3P
   pin Diodes
logo
M/A-COM Technology Solu...
MADP-042XX8 MA-COM-MADP-042XX8_15 Datasheet
218Kb / 4P
   PIN Diodes
logo
Rohm
RN141S ROHM-RN141S_17 Datasheet
1Mb / 8P
   PIN Diodes
RN142ZS8A ROHM-RN142ZS8A_17 Datasheet
1Mb / 8P
   PIN Diodes
RN242CS ROHM-RN242CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262CS ROHM-RN262CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262G ROHM-RN262G_15 Datasheet
1Mb / 8P
   PIN Diodes
RN731V ROHM-RN731V_17 Datasheet
1Mb / 8P
   PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com