Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD16N05 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFD16N05
Description  16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N05 Datasheet(HTML) 1 Page - Intersil Corporation

  RFD16N05 Datasheet HTML 1Page - Intersil Corporation RFD16N05 Datasheet HTML 2Page - Intersil Corporation RFD16N05 Datasheet HTML 3Page - Intersil Corporation RFD16N05 Datasheet HTML 4Page - Intersil Corporation RFD16N05 Datasheet HTML 5Page - Intersil Corporation RFD16N05 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6-163
File Number
2269.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD16N05L, RFD16N05LSM
16A, 50V, 0.047 Ohm, Logic Level,
N-Channel Power MOSFETs
These are N-Channel logic level power MOSFETs
manufactured using the MegaFET process. This process,
which uses feature sizes approaching those of LSI
integrated circuits gives optimum utilization of silicon,
resulting in outstanding performance. They were designed
for use with logic level (5V) driving sources in applications
such as programmable controllers, automotive switching,
switching regulators, switching converters, motor relay
drivers and emitter switches for bipolar transistors. This
performance is accomplished through a special gate oxide
design which provides full rated conductance at gate biases
in the 3V to 5V range, thereby facilitating true on-off power
control directly from logic circuit supply voltages.
Formerly developmental type TA09871.
Features
• 16A, 50V
•rDS(ON) = 0.047Ω
• UIS SOA Rating Curve (Single Pulse)
• Design Optimized for 5V Gate Drives
• Can be Driven Directly from CMOS, NMOS, TTL Circuits
• Compatible with Automotive Drive Requirements
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD16N05L
TO-251AA
RFD16N05L
RFD16N05LSM
TO-252AA
RFD16N05LSM
NOTE: When ordering, include the entire part number. Add the suffix 9A
to obtain the TO-252AA variant in tape and reel, i.e. RFD16N05LSM9A
G
D
S
JEDEC TO-251AA
JEDEC TO-252AA
SOURCE
DRAIN (FLANGE)
GATE
DRAIN
GATE
SOURCE
DRAIN (FLANGE)
Data Sheet
April 1999


Similar Part No. - RFD16N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Guangdong Youtai Semico...
RFD16N05 UMW-RFD16N05 Datasheet
491Kb / 6P
   60V N-Channel MOSFET
logo
Fairchild Semiconductor
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
More results

Similar Description - RFD16N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD16N05L FAIRCHILD-RFD16N05L Datasheet
158Kb / 7P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N06LE INTERSIL-RFD16N06LE Datasheet
342Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N05 FAIRCHILD-RFD16N05 Datasheet
414Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05 INTERSIL-RFD16N05 Datasheet
91Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD16N06LESM FAIRCHILD-RFD16N06LESM Datasheet
193Kb / 7P
   16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
RFD16N05 FAIRCHILD-RFD16N05_03 Datasheet
226Kb / 8P
   16A, 50V, 0.047 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP25N05L INTERSIL-RFP25N05L Datasheet
47Kb / 6P
   25A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFET
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L INTERSIL-RFD14N05L Datasheet
74Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com