Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFD15P06SM Datasheet(PDF) 6 Page - Intersil Corporation

Part # RFD15P06SM
Description  15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD15P06SM Datasheet(HTML) 6 Page - Intersil Corporation

  RFD15P06SM Datasheet HTML 1Page - Intersil Corporation RFD15P06SM Datasheet HTML 2Page - Intersil Corporation RFD15P06SM Datasheet HTML 3Page - Intersil Corporation RFD15P06SM Datasheet HTML 4Page - Intersil Corporation RFD15P06SM Datasheet HTML 5Page - Intersil Corporation RFD15P06SM Datasheet HTML 6Page - Intersil Corporation RFD15P06SM Datasheet HTML 7Page - Intersil Corporation RFD15P06SM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-108
FIGURE 18. GATE CHARGE TEST CIRCUIT
FIGURE 19. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = -2V
Qg(-10)
VGS = -10V
Qg(TOT)
VGS = -20V
VDS
-VGS
Ig(REF)
0
0
RFD15P06, RFD15P06SM, RFP15P06


Similar Part No. - RFD15P06SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFD15P05 VBSEMI-RFD15P05 Datasheet
940Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Intersil Corporation
RFD15P05SM INTERSIL-RFD15P05SM Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFD15P05SM VBSEMI-RFD15P05SM Datasheet
985Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - RFD15P06SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
   15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
RFG30P06 INTERSIL-RFG30P06 Datasheet
71Kb / 8P
   30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com