Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5550979A-T1 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NE5550979A-T1
Description  Silicon Power LDMOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE5550979A-T1 Datasheet(HTML) 4 Page - Renesas Technology Corp

  NE5550979A-T1 Datasheet HTML 1Page - Renesas Technology Corp NE5550979A-T1 Datasheet HTML 2Page - Renesas Technology Corp NE5550979A-T1 Datasheet HTML 3Page - Renesas Technology Corp NE5550979A-T1 Datasheet HTML 4Page - Renesas Technology Corp NE5550979A-T1 Datasheet HTML 5Page - Renesas Technology Corp NE5550979A-T1 Datasheet HTML 6Page - Renesas Technology Corp NE5550979A-T1 Datasheet HTML 7Page - Renesas Technology Corp NE5550979A-T1 Datasheet HTML 8Page - Renesas Technology Corp NE5550979A-T1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NE5550979A
R09DS0031EJ0300 Rev.3.00
Page 4 of 11
Mar 12, 2013
TYPICAL CHARACTERISTICS 1 (TA = 25
°C)
R: f = 460MHz, VDS = 3.6/4.5/6/7.5/8.4/9 V, IDset = 200 mA, Pin = 0 to 32 dBm
IM: f1 = 460MHz, f2 = 461 MHz, VDS = 3.6/4.5/6/7.5/8.4/9 V, IDset = 200mA, Pout (2 tone) = 12 to 38 dBm
add
- 3.6 V
add
- 6.0 V
add
- 4.5 V
add
- 9 V
add
- 7.5 V
2 Tones Output Power Pout (2 tone) (dBm)
IM3/IM5 vs. 2 TONES OUTPUT POWER
Output Power Pout (dBm)
2f0, 3f0 vs. OUTPUT POWER
Pout - 3.6 V
Pout - 4.5 V
Pout - 6.0 V
Pout - 7.5 V
Pout - 9 V
IDS - 3.6 V
IDS - 6.0 V
IDS - 4.5 V
IDS - 9 V
IDS - 7.5 V
Input Power Pin (dBm)
OUTPUT POWER, DRAIN CURRENT
vs. INPUT POWER
0
0.0
50
5.0
45
4.5
40
4.0
35
3.5
30
3.0
25
2.5
20
2.0
15
1.5
10
1.0
5
0.5
35
30
20
15
10
5
05
25
Input Power Pin (dBm)
POWER GAIN, POWER ADDED
EFFICIENCY vs. INPUT POWER
Gp - 3.6 V
Gp - 4.5 V
Gp - 6 V
Gp - 7.5 V
Gp - 9 V
00
40
80
35
70
30
60
25
50
20
40
15
30
10
20
510
35
30
20
15
10
5
05
25
2f0 - 3.6 V
2f0 - 4.5 V
2f0 - 6.0 V
2f0 - 7.5 V
3f0 - 3.6 V
3f0 - 4.5 V
3f0 - 7.5 V
3f0 - 6.0 V
3f0 - 9 V
2f0 - 9 V
70
0
10
20
30
40
50
60
45
35
30
25
10
15
20
40
IM3 - 3.6 V
IM3 - 4.5 V
IM3 - 6 V
IM3 - 7.5 V
IM5 - 3.6 V
IM5 - 4.5 V
IM5 - 7.5 V
IM5 - 6.0 V
IM5 - 9 V
IM3 - 9 V
70
0
10
20
30
40
50
60
40
35
30
25
10
15
20
η
η
η
η
η
Remark The graphs indicate nominal characteristics.


Similar Part No. - NE5550979A-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550979A-T1 RENESAS-NE5550979A-T1 Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
NE5550979A-T1 RENESAS-NE5550979A-T1 Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550979A-T1 CEL-NE5550979A-T1 Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A-T1-A RENESAS-NE5550979A-T1-A Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550979A-T1-A CEL-NE5550979A-T1-A Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
More results

Similar Description - NE5550979A-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550779A RENESAS-NE5550779A Datasheet
3Mb / 17P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A_13 Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550279A CEL-NE5550279A Datasheet
772Kb / 8P
   Silicon Power LDMOS FET
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
   HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com