Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP14N05L Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFP14N05L
Description  14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP14N05L Datasheet(HTML) 4 Page - Intersil Corporation

  RFP14N05L Datasheet HTML 1Page - Intersil Corporation RFP14N05L Datasheet HTML 2Page - Intersil Corporation RFP14N05L Datasheet HTML 3Page - Intersil Corporation RFP14N05L Datasheet HTML 4Page - Intersil Corporation RFP14N05L Datasheet HTML 5Page - Intersil Corporation RFP14N05L Datasheet HTML 6Page - Intersil Corporation RFP14N05L Datasheet HTML 7Page - Intersil Corporation RFP14N05L Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6-138
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. SWITCHING TIME vs GATE RESISTANCE
FIGURE 11. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
0.1
1
10
10
0.01
50
1
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS-VDD) +1]
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
0
5
10
15
0
1.5
3.0
4.5
7.5
20
25
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4V
VGS = 10V
30
35
6.0
VGS = 3V
VGS = 2.5V
VGS = 5V
VGS = 4.5V
PULSE DURATION = 80
µs, TC = 25oC
DUTY CYCLE = 0.5% MAX.
0
3.0
4.5
6.0
7.5
1.5
0
5
10
15
20
25
175oC
VGS, GATE TO SOURCE VOLTAGE (V)
-55oC
30
35
25oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
VDD = 15V
0
50
100
150
200
2.5
3.0
3.5
4.0
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
5.0
250
ID = 28A
ID = 7A
ID = 3.5A
ID = 14A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX.
0
20
010
20
30
40
RGS, GATE TO SOURCE RESISTANCE (Ω)
50
40
60
80
100
120
140
160
td(OFF)
tr
tf
td(ON)
VDD = 25V, ID = 14A, RL = 3.57Ω
0
0.5
1.0
1.5
2.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
200
2.5
PULSE DURATION = 80
µs
VGS = 10V, ID = 14A
DUTY CYCLE = 0.5% MAX.
RFD14N05L, RFD14N05LSM, RFP14N05L


Similar Part No. - RFP14N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP14N05L FAIRCHILD-RFP14N05L Datasheet
119Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFP14N05L FAIRCHILD-RFP14N05L Datasheet
213Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFP14N05L FAIRCHILD-RFP14N05L Datasheet
214Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP14N05L VBSEMI-RFP14N05L Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
logo
Inchange Semiconductor ...
RFP14N05L ISC-RFP14N05L Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - RFP14N05L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05LSM9A FAIRCHILD-RFD14N05LSM9A Datasheet
214Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L Datasheet
119Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05L FAIRCHILD-RFD14N05L_04 Datasheet
213Kb / 8P
   14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N06L INTERSIL-RFD14N06L Datasheet
83Kb / 8P
   14A, 60V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N05L INTERSIL-RFG50N05L Datasheet
51Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Austin Semiconductor
RFP50N05L AUSTIN-RFP50N05L_04 Datasheet
157Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD16N05L INTERSIL-RFD16N05L Datasheet
47Kb / 6P
   16A, 50V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFG50N05L FAIRCHILD-RFG50N05L Datasheet
376Kb / 6P
   50A, 50V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com