Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1K49224 Datasheet(PDF) 8 Page - Intersil Corporation

Part # RF1K49224
Description  3.5A/2.5A, 30V, 0.060/0.150 Ohms, Complementary LittleFET??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1K49224 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button RF1K49224 Datasheet HTML 4Page - Intersil Corporation RF1K49224 Datasheet HTML 5Page - Intersil Corporation RF1K49224 Datasheet HTML 6Page - Intersil Corporation RF1K49224 Datasheet HTML 7Page - Intersil Corporation RF1K49224 Datasheet HTML 8Page - Intersil Corporation RF1K49224 Datasheet HTML 9Page - Intersil Corporation RF1K49224 Datasheet HTML 10Page - Intersil Corporation RF1K49224 Datasheet HTML 11Page - Intersil Corporation RF1K49224 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
9-23
FIGURE 24. FORWARD BIAS SAFE OPERATING AREA
FIGURE 25. PEAK CURRENT CAPABILITY
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 26. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 27. SATURATION CHARACTERISTICS
FIGURE 28. TRANSFER CHARACTERISTICS
FIGURE 29. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
Typical Performance Curves (P-Channel) (Continued)
VDS, DRAIN TO SOURCE VOLTAGE (V)
-1
-10
-100
-0.01
-1
-50
-10
-0.1
-0.1
DC
5ms
100ms
1s
10ms
VDSS(MAX) = -30V
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TA = 25
oC
t, PULSE WIDTH (s)
-100
-10
-1
10-5
10-4
10-3
10-2
10-1
100
101
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = -10V
I
= I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TA = 25
oC
VGS = -20V
1
10
100
-10
0.1
-15
-1
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
0
-4
-8
-12
0
-1.5
-3.0
-4.5
-6.0
-7.5
-16
-20
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -6V
VGS = -10V
VGS = -20V
PULSE DURATION = 80
µs
TA = 25
oC
VGS = -5V
VGS = -4.5V
VGS = -8V
DUTY CYCLE = 0.5% MAX
VGS = -7V
0
-4-6-8
-10
-2
0
-4
-8
-12
-16
-20
VGS, GATE TO SOURCE VOLTAGE (V)
150oC
-55oC
25oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = -15V
100
200
300
400
500
0
-6
-4
VGS, GATE TO SOURCE VOLTAGE (V)
-2
-8
-10
ID = -0.625A
PULSE DURATION = 80
µs
ID = -1.25A
ID = -2.5A
ID = -5.0A
VDD = -15V
DUTY CYCLE = 0.5% MAX
RF1K49224


Similar Part No. - RF1K49224

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1K49221 INTERSIL-RF1K49221 Datasheet
109Kb / 8P
   2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49223 FAIRCHILD-RF1K49223 Datasheet
235Kb / 9P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K4922396 FAIRCHILD-RF1K4922396 Datasheet
235Kb / 9P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
More results

Similar Description - RF1K49224

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1K49223 INTERSIL-RF1K49223 Datasheet
97Kb / 8P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49223 FAIRCHILD-RF1K49223 Datasheet
235Kb / 9P
   2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET??Power MOSFET
RF1K49092 FAIRCHILD-RF1K49092 Datasheet
459Kb / 14P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
logo
Intersil Corporation
RF1K49092 INTERSIL-RF1K49092 Datasheet
248Kb / 13P
   3.5A/2.5A, 12V, 0.050/0.130 Ohm, Logic Level, Complementary LittleFET??Power MOSFET
RF1K49086 INTERSIL-RF1K49086 Datasheet
143Kb / 7P
   3.5A, 30V, 0.06 Ohm, Dual N-Channel LittleFET??Power MOSFET
RF1K49088 INTERSIL-RF1K49088 Datasheet
173Kb / 7P
   3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET??Power MOSFET
logo
Fairchild Semiconductor
RF1K49086 FAIRCHILD-RF1K49086 Datasheet
195Kb / 7P
   3.5A, 30V, Avalanche Rated, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
RF1K49088 FAIRCHILD-RF1K49088 Datasheet
153Kb / 7P
   3.5A, 30V, Avalanche Rated, Logic Level, Dual N-Channel LittleFET??Enhancement Mode Power MOSFET
logo
Rohm
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RQ5E035BN ROHM-RQ5E035BN Datasheet
1Mb / 12P
   Nch 30V 3.5A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com