Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YSM6W Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # YSM6W
Description  Transient Voltage Suppressors family
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSM6W Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  YSM6W Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSM6W Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSM6W Datasheet HTML 3Page - Yea Shin Technology Co., Ltd YSM6W Datasheet HTML 4Page - Yea Shin Technology Co., Ltd YSM6W Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Yea Shin Technology Co.,
Transient Voltage Suppressors
YSM6W Series
6 Watters TVS/Zener Diode
Preliminary Data Sheet
Thermal Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Units
Typical thermal resistance, junction to case
RƟJC
1.0
°C/W
Typical Performance Characteristics


Similar Part No. - YSM6W

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSM6W10 YEASHIN-YSM6W10 Datasheet
305Kb / 4P
   Transient Voltage Suppressors
YSM6W10A YEASHIN-YSM6W10A Datasheet
305Kb / 4P
   Transient Voltage Suppressors
YSM6W11 YEASHIN-YSM6W11 Datasheet
305Kb / 4P
   Transient Voltage Suppressors
YSM6W11A YEASHIN-YSM6W11A Datasheet
305Kb / 4P
   Transient Voltage Suppressors
YSM6W12 YEASHIN-YSM6W12 Datasheet
305Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - YSM6W

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSM8W YEASHIN-YSM8W Datasheet
285Kb / 5P
   Transient Voltage Suppressors family
YSM5W YEASHIN-YSM5W Datasheet
283Kb / 5P
   Transient Voltage Suppressors family
logo
SeCoS Halbleitertechnol...
SM6MXXT-C SECOS-SM6MXXT-C Datasheet
516Kb / 3P
   4600W Transient Voltage Suppressors Family
SM8MXXT-C SECOS-SM8MXXT-C Datasheet
524Kb / 3P
   6600W Transient Voltage Suppressors Family
SM5MXXT-C SECOS-SM5MXXT-C Datasheet
441Kb / 3P
   3600W Transient Voltage Suppressors Family
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com