Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3050PT Datasheet(PDF) 2 Page - Intersil Corporation

Part # MUR3050PT
Description  15A, 400V - 600V Ultrafast Dual Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MUR3050PT Datasheet(HTML) 2 Page - Intersil Corporation

  MUR3050PT Datasheet HTML 1Page - Intersil Corporation MUR3050PT Datasheet HTML 2Page - Intersil Corporation MUR3050PT Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Electrical Specifications
(Per Leg) TC = 25
oC, Unless Otherwise Specified
SYMBOL
TEST CONDITION
MUR3040PT, RURH1540CC
MUR3060PT, RURH1560CC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VF
IF = 15A
-
-
1.25
-
-
1.5
V
IF = 15A, TC = 150
oC
-
-
1.12
-
-
1.2
V
IR
VR = 400V
-
-
100
-
-
-
µA
VR = 600V
-
-
-
-
-
100
µA
VR = 400V, TC = 150
oC
-
-
500
-
-
-
µA
VR = 600V, TC = 150
oC
-
-
-
-
-
500
µA
trr
IF = 1A, dIF/dt = 100A/µs-
-
55
-
-
55
ns
IF = 15A, dIF/dt = 100A/µs-
-
60
-
-
60
ns
ta
IF = 15A, dIF/dt = 100A/µs
-
30
-
-
30
-
ns
tb
IF = 15A, dIF/dt = 100A/µs
-
17
-
-
20
-
ns
RθJC
-
-
1.5
-
-
1.5
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
trr = Reverse recovery time at dIF/dt = 100A/µs (See Figure 6), summation of ta + tb.
ta = Time to reach peak reverse current at dIF/dt = 100A/µs (See Figure 6).
tb = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 6).
RθJC = Thermal resistance junction to case.
pw = pulse width.
D = duty cycle.
Typical Performance Curves
FIGURE 1. FORWARD CURRENT vs FORWARD VOLTAGE
FIGURE 2. REVERSE CURRENT vs REVERSE VOLTAGE
80
10
1
0
VF, FORWARD VOLTAGE (V)
0.5
1.0
1.5
2.0
175oC
100oC
25oC
500
100
10
1.0
0.01
0.001
0
100
200
300
400
500
VR, REVERSE VOLTAGE (V)
600
0.1
175oC
100oC
25oC
MUR3040PT, RURH1540CC, MUR3060PT, RURH1560CC


Similar Part No. - MUR3050PT

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MUR3050PT DIGITRON-MUR3050PT Datasheet
342Kb / 5P
   30A ULTRAFAST RECTIFIER
logo
New Jersey Semi-Conduct...
MUR3050PT NJSEMI-MUR3050PT Datasheet
89Kb / 1P
   Switchmode Power Rectifiers
More results

Similar Description - MUR3050PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
   15A, 400V - 600V Ultrafast Dual Diodes
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR1540 INTERSIL-MUR1540 Datasheet
31Kb / 3P
   15A, 400V - 600V Ultrafast Diodes
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RURP1560 FAIRCHILD-RURP1560_04 Datasheet
76Kb / 4P
   15A, 400V - 600V Ultrafast Diode
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Dual Diodes
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
   6A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com