Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RURH1560CC Datasheet(PDF) 1 Page - Intersil Corporation

Part # RURH1560CC
Description  15A, 400V - 600V Ultrafast Dual Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RURH1560CC Datasheet(HTML) 1 Page - Intersil Corporation

  RURH1560CC Datasheet HTML 1Page - Intersil Corporation RURH1560CC Datasheet HTML 2Page - Intersil Corporation RURH1560CC Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MUR3040PT, RURH1540CC, MUR3060PT,
RURH1560CC
15A, 400V - 600V Ultrafast Dual Diodes
MUR3040PT, RURH1540CC, MUR3060PT, and
RURH1560CC are ultrafast dual diodes (trr < 55ns) with
soft recovery characteristics. They have a low forward
voltage drop and are of planar, silicon nitride passivated,
ion-implanted, epitaxial construction.
These devices are intended for use as energy
steering/clamping diodes and rectifiers in a variety of
switching power supplies and other power switching
applications. Their low stored charge and ultrafast recovery
with soft recovery characteristics minimizes ringing and
electrical noise in many power switching circuits thus
reducing power loss in the switching transistor.
Formerly developmental type TA09905.
Symbol
Features
• Ultrafast with Soft Recovery . . . . . . . . . . . . . . . . . . . <55ns
• Operating Temperature. . . . . . . . . . . . . . . . . . . . . . .175oC
• Reverse Voltage Up to . . . . . . . . . . . . . . . . . . . . . . . .600V
• Avalanche Energy Rated
• Planar Construction
Applications
• Switching Power Supply
• Power Switching Circuits
• General Purpose
Packaging
JEDEC TO-218AC
Ordering Information
PART NUMBER
PACKAGE
BRAND
MUR3040PT
TO-218AC
MUR3040PT
RURH1540CC
TO-218AC
RURH1540C
MUR3060PT
TO-218AC
MUR3060PT
RURH1560CC
TO-218AC
RURH1560C
NOTE: When ordering, use the entire part number.
K
A1
A2
ANODE 2
CATHODE
ANODE 1
CATHODE
(FLANGE)
Absolute Maximum Ratings
(Per Leg) TC = 25
oC, Unless Otherwise Specified
MUR3040PT
RURH1540CC
MUR3060PT
RURH1560CC
UNITS
Peak Repetitive Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
400
600
V
Working Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRWM
400
600
V
DC Blocking Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VR
400
600
V
Average Rectified Forward Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IF(AV)
(TC = 145
oC)
15
15
A
Repetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IFRM
(Square Wave 20kHz)
42
30
A
Nonrepetitive Peak Surge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IFSM
(Halfwave 1 Phase 60Hz)
200
200
A
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
100
100
W
Avalanche Energy (See Figures 7 and 8) . . . . . . . . . . . . . . . . . . . . . . . . . . .EAVL
20
20
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . TSTG, TJ
-55 to 175
-55 to 175
oC
Data Sheet
January 2000
File Number
2774.4
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - RURH1560CC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURH15100CC INTERSIL-RURH15100CC Datasheet
33Kb / 3P
   15A, 1000V Ultrafast Dual Diode
logo
Harris Corporation
RURH1510CC HARRIS-RURH1510CC Datasheet
31Kb / 3P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
New Jersey Semi-Conduct...
RURH1510CC NJSEMI-RURH1510CC Datasheet
80Kb / 2P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Harris Corporation
RURH1515CC HARRIS-RURH1515CC Datasheet
31Kb / 3P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
New Jersey Semi-Conduct...
RURH1515CC NJSEMI-RURH1515CC Datasheet
80Kb / 2P
   15A, 100V - 200V Ultrafast Dual Diodes
More results

Similar Description - RURH1560CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RURG1540CC FAIRCHILD-RURG1540CC Datasheet
340Kb / 4P
   15A, 400V - 600V Ultrafast Dual Diodes
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
logo
Intersil Corporation
MUR1540 INTERSIL-MUR1540 Datasheet
31Kb / 3P
   15A, 400V - 600V Ultrafast Diodes
RHRG1540CC INTERSIL-RHRG1540CC Datasheet
50Kb / 4P
   15A, 400V - 600V Hyperfast Dual Diodes
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
RURP1560 FAIRCHILD-RURP1560_04 Datasheet
76Kb / 4P
   15A, 400V - 600V Ultrafast Diode
RURG3040CC FAIRCHILD-RURG3040CC Datasheet
342Kb / 4P
   30A, 400V - 600V Ultrafast Dual Diodes
logo
Intersil Corporation
RURP840CC INTERSIL-RURP840CC Datasheet
49Kb / 4P
   8A, 400V - 600V Ultrafast Dual Diodes
RURH3040CC INTERSIL-RURH3040CC Datasheet
39Kb / 3P
   30A, 400V - 600V Ultrafast Dual Diodes
RURP640CC INTERSIL-RURP640CC Datasheet
75Kb / 4P
   6A, 400V - 600V Ultrafast Dual Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com