Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HITJ0204MP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HITJ0204MP
Description  ??0V, ??.6A, 280m?뾪ax Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HITJ0204MP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HITJ0204MP_15 Datasheet HTML 1Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 2Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 3Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 4Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 5Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 6Page - Renesas Technology Corp HITJ0204MP_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0476EJ0200 Rev.2.00
Page 1 of 6
May 09, 2013
Preliminary Datasheet
HITJ0204MP
–20V, –1.6A, 280m
max.
Silicon P Channel MOS FET
Power Switching
Features
 Low on-resistance
RDS(on) = 219 m typ (VGS = –4.5 V, ID = –0.8 A)
 Low drive current
 High speed switching
 2.5 V gate drive
Outline
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
1. Source
2. Gate
3. Drain
S
D
G
2
1
3
1
2
3
Note:
Marking is “XV”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
–20
V
Gate to source voltage
VGSS
+8 / –12
V
Drain current
ID
–1.6
A
Drain peak current
ID(pulse)
Note1
–4.0
A
Body - drain diode reverse drain current
IDR
–1.6
A
Channel dissipation
Pch
Note2
0.8
W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW
 10 s, duty cycle  1%
2. When using the glass epoxy board (FR-4: 40 x 40 x 1 mm)
R07DS0476EJ0200
Rev.2.00
May 09, 2013


Similar Part No. - HITJ0204MP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0204MP RENESAS-HITJ0204MP_13 Datasheet
106Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - HITJ0204MP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0303MP RENESAS-HITJ0303MP_15 Datasheet
107Kb / 7P
   ??0V, ??.3A, 68m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP_15 Datasheet
105Kb / 7P
   ??0V, ??.4A, 69m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0302MP RENESAS-HITJ0302MP_15 Datasheet
102Kb / 7P
   ??0V, ??.2A, 173m?뾪ax Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_15 Datasheet
105Kb / 7P
   ??0V, ??.1A , 180m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0202MP RENESAS-HITJ0202MP_15 Datasheet
106Kb / 7P
   ??0V, ??.7A, 105m?뾪ax Silicon P Channel MOS FET Power Switching
HITK0202MP RENESAS-HITK0202MP_15 Datasheet
105Kb / 7P
   20V, 3.8A, 55m?뾪ax. Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_15 Datasheet
104Kb / 7P
   20V, 2.9A, 90m?뾪ax Silicon N Channel MOS FET Power Switching
HITK0201MP RENESAS-HITK0201MP_15 Datasheet
105Kb / 7P
   20V, 4.5A, 39m?뾪ax. Silicon N Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com