Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HITJ0302MP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HITJ0302MP
Description  ??0V, ??.2A, 173m?뾪ax Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HITJ0302MP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HITJ0302MP_15 Datasheet HTML 1Page - Renesas Technology Corp HITJ0302MP_15 Datasheet HTML 2Page - Renesas Technology Corp HITJ0302MP_15 Datasheet HTML 3Page - Renesas Technology Corp HITJ0302MP_15 Datasheet HTML 4Page - Renesas Technology Corp HITJ0302MP_15 Datasheet HTML 5Page - Renesas Technology Corp HITJ0302MP_15 Datasheet HTML 6Page - Renesas Technology Corp HITJ0302MP_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HITJ0302MP
Preliminary
R07DS0477EJ0200 Rev.2.00
Page 5 of 6
May 09, 2013
Dynamic Input Characteristics
Gate Charge Qg (nC)
Switching Characteristics
Drain Current ID (A)
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
Input Capacitance vs.
Gate to Source Voltage
Gate to Source Voltage VGS (V)
Reverse Drain Current vs.
Source to Drain Voltage
Source to Drain Voltage VSD (V)
Body-Drain Diode Forward Voltage vs.
Case Temperature
Case Temperature Tc (
°C)
01
2
3
4
5
0
20
40
80
60
0
-4
-8
-12
-16
0
10
20
30
10
100
1000
200
360
–10
–5
0
5
10
0
0.8
0.4
1.2
1.6
2.0
0.6
1.0
0.8
0.4
0.2
0
0.3
0.4
0.5
0.8
0.6
0.7
0.2
25
50
75
100
125
150
ID = –2.2 A
Tc = 25°C
10 V
VDD = –10 V
25 V
Pulse Test
Tc = 25°C
VGS = –10 V
–5 V
1 mA
ID = –10 mA
VGS = 0
6
VGS = 0 V, 5 V
100
-20
Crss
Coss
VGS = 0 V
f = 1 MHz
Ciss
280
320
240
VDS = 0 V
f = 1 MHz
VDD = –25 V
VGS
VDS
1
10
100
1000
0.01
0.1
1
10
VDD = –10 V
VGS = –10 V
Rg = 4.7
Ω
PW = 5
μs
Tc = 25°C
td(on)
td(off)
tf
tr


Similar Part No. - HITJ0302MP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0302MP RENESAS-HITJ0302MP_13 Datasheet
102Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - HITJ0302MP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HITJ0204MP RENESAS-HITJ0204MP_15 Datasheet
106Kb / 7P
   ??0V, ??.6A, 280m?뾪ax Silicon P Channel MOS FET Power Switching
HITJ0303MP RENESAS-HITJ0303MP_15 Datasheet
107Kb / 7P
   ??0V, ??.3A, 68m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP_15 Datasheet
105Kb / 7P
   ??0V, ??.4A, 69m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_15 Datasheet
105Kb / 7P
   ??0V, ??.1A , 180m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0202MP RENESAS-HITJ0202MP_15 Datasheet
106Kb / 7P
   ??0V, ??.7A, 105m?뾪ax Silicon P Channel MOS FET Power Switching
HITK0202MP RENESAS-HITK0202MP_15 Datasheet
105Kb / 7P
   20V, 3.8A, 55m?뾪ax. Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_15 Datasheet
104Kb / 7P
   20V, 2.9A, 90m?뾪ax Silicon N Channel MOS FET Power Switching
HITK0201MP RENESAS-HITK0201MP_15 Datasheet
105Kb / 7P
   20V, 4.5A, 39m?뾪ax. Silicon N Channel MOS FET Power Switching
HAT1111C RENESAS-HAT1111C_16 Datasheet
387Kb / 7P
   -60V, -2A, 307m max Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com