Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC7027 Datasheet(PDF) 9 Page - Analog Devices

Part # ADUC7027
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7027 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUC7027_15 Datasheet HTML 5Page - Analog Devices ADUC7027_15 Datasheet HTML 6Page - Analog Devices ADUC7027_15 Datasheet HTML 7Page - Analog Devices ADUC7027_15 Datasheet HTML 8Page - Analog Devices ADUC7027_15 Datasheet HTML 9Page - Analog Devices ADUC7027_15 Datasheet HTML 10Page - Analog Devices ADUC7027_15 Datasheet HTML 11Page - Analog Devices ADUC7027_15 Datasheet HTML 12Page - Analog Devices ADUC7027_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
Data Sheet
ADuC7019/20/21/22/24/25/26/27/28/29
Rev. F | Page 9 of 104
DETAILED BLOCK DIAGRAM
77
ADC0
78
ADC1
79
ADC2/CMP0
80
ADC3/CMP1
1
ADC4
2
ADC5
3
ADC6
4
ADC7
5
ADC8
6
ADC9
7
ADC10
76
ADC11
9
ADCNEG
20
BM/P0.0/CMPOUT/PLAI[7]/MS0
18
P4.6/AD14/PLAO[14]
19
P4.7/AD15/PLAO[15]
* SEE ORDERING GUIDE FOR
FEATURE AVAILABILITY ON
DIFFERENT MODELS.
55
56
63
64
65
66
62
61
60
59
58
57
52
14
15
23
22
21
49
50
17
33
35
36
48
24
16
34
42
51
MUX
12-BIT
VOLTAGE
OUTPUT DAC
BUF
10
DAC0*/ADC12
12-BIT
VOLTAGE
OUTPUT DAC
BUF
11
DAC1*/ADC13
12-BIT
VOLTAGE
OUTPUT DAC
BUF
12
DAC2*/ADC14
12-BIT
VOLTAGE
OUTPUT DAC
BUF
13
DAC3*/ADC15
29
P3.0/AD0/PWM0H/PLAI[8]
30
P3.1/AD1/PWM0L/PLAI[9]
31
P3.2/AD2/PWM1H/PLAI[10]
32
P3.3/AD3/PWM1L/PLAI[11]
38
P3.4/AD4/PWM2H/PLAI[12]
39
P3.5/AD5/PWM2L/PLAI[13]
46
P3.6/AD6/PWMTRIP/PLAI[14]
47
P3.7/AD7/PWMSYNC/PLAI[15]
44
XCLKO
45
XCLKI
40
IRQ0/P0.4/PWMTRIP/PLAO[1]/MS1
41
IRQ1/P0.5/ADCBUSY/PLAO[2]/MS2
43
P0.7/ECLK/XCLK/SPM8/PLAO[4]
ADuC7026*
69
70
75
37
27
28
54
25
26
53
74
73
67
71
72
8
3-PHASE
PWM
DAC
CONTROL
ARM7TDMI
MCU
CORE
62kB FLASH/EE
(31k × 16 BITS)
8192 BYTES USER RAM
(2k × 32 BITS)
WAKE-UP/
RTC TIMER
POWER SUPPLY
MONITOR
PROG. CLOCK
DIVIDER
DOWNLOADER
PROG. LOGIC
ARRAY
SPI/I2C SERIAL
INTERFACE
SERIAL PORT MULTIPLEXER
UART
SERIAL PORT
POR
INTERRUPT
CONTROLLER
12-BIT SAR
ADC 1MSPS
ADC
CONTROL
PLL
OSC
68
VREF
VREF
BAND GAP
REFERENCE
CMPOUT/IRQ
MUX
DAC
TEMP
SENSOR
Figure 11.


Similar Part No. - ADUC7027_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7027AST62 AD-ADUC7027AST62 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
ADUC7027AST62 AD-ADUC7027AST62 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7027BST62 AD-ADUC7027BST62 Datasheet
840Kb / 80P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrB
ADUC7027BST62 AD-ADUC7027BST62 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7027BSTZ62 AD-ADUC7027BSTZ62 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
More results

Similar Description - ADUC7027_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7019 AD-ADUC7019 Datasheet
987Kb / 92P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
REV. A
ADUC7024BSTZ62 AD-ADUC7024BSTZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7121 AD-ADUC7121 Datasheet
1Mb / 96P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
REV. 0
ADUC7022 AD-ADUC7022_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7019 AD-ADUC7019_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7021 AD-ADUC7021_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7026 AD-ADUC7026_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7028 AD-ADUC7028_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC702X AD-ADUC702X_1 Datasheet
841Kb / 78P
   Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
Rev. PrA
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUC7029 AD-ADUC7029_15 Datasheet
1Mb / 104P
   Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com