Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCTA65P100F1 Datasheet(PDF) 1 Page - Intersil Corporation

Part # MCTA65P100F1
Description  65A, 1000V P-Type MOS Controlled Thyristor (MCT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

MCTA65P100F1 Datasheet(HTML) 1 Page - Intersil Corporation

  MCTA65P100F1 Datasheet HTML 1Page - Intersil Corporation MCTA65P100F1 Datasheet HTML 2Page - Intersil Corporation MCTA65P100F1 Datasheet HTML 3Page - Intersil Corporation MCTA65P100F1 Datasheet HTML 4Page - Intersil Corporation MCTA65P100F1 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1999
2-13
Semiconductor
MCTV65P100F1,
MCTA65P100F1
65A, 1000V
P-Type MOS Controlled Thyristor (MCT)
Package
JEDEC STYLE TO-247
JEDEC MO-093AA (5-LEAD TO-218)
Symbol
GATE
GATE RETURN
CATHODE
ANODE
ANODE
CATHODE (FLANGE)
CATHODE (FLANGE)
GATE
GATE RETURN
CATHODE
ANODE
ANODE
G
A
K
Features
• 65A, -1000V
•VTM ≤ -1.4V at I = 65A and +150
oC
• 2000A Surge Current Capability
• 2000A/
µs di/dt Capability
• MOS Insulated Gate Control
• 100A Gate Turn-Off Capability at +150oC
Description
The MCT is an MOS Controlled Thyristor designed for switching
currents on and off by negative and positive voltage control of an
insulated MOS gate. It is designed for use in motor controls,
inverters, line switches and other power switching applications.
The MCT is especially suited for resonant (zero voltage or zero
current switching) applications. The SCR like forward drop
greatly reduces conduction power loss.
MCTs allow the control of high power circuits with very small
amounts of input energy. They feature the high peak current
capability common to SCR type thyristors, and operate at junc-
tion temperatures up to +150oC with active switching.
Formerly TA9900.
PART NUMBER INFORMATION
PART NUMBER
PACKAGE
BRAND
MCTV65P100F1
TO-247
M65P100F1
MCTA65P100F1
MO-093AA
M65P100F1
NOTE: When ordering, use the entire part number.
April 1999
Absolute Maximum Ratings TC = +25oC, Unless Otherwise Specified
MCTV65P100F1
MCTA65P100F1
UNITS
Peak Off-State Voltage (See Figure 11). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDRM
-1000
V
Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VRRM
+5
V
Continuous Cathode Current (See Figure 2)
TC = +25
oC (Package Limited) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TC = +90
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IK25
IK90
85
65
A
A
Non-Repetitive Peak Cathode Current (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ITSM
2000
A
Peak Controllable Current (See Figure 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ITC
100
A
Gate-Anode Voltage (Continuous) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGA
±20
V
Gate-Anode Voltage (Peak) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGA
±25
V
Rate of Change of Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . dv/dt
See Figure 11
Rate of Change of Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . di/dt
2000
A/
µs
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
208
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.67
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to +150
oC
Maximum Lead Temperature for Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(0.063" (1.6mm) from case for 10s)
TL
260
oC
NOTE:
1. Maximum Pulse Width of 200
µs (Half Sine) Assume T
J (Initial) = +90
oC and T
J (Final) = TJ (Max) = +150
oC
File Number
3516.5
PAR
T WITHDRA
WN
PROCESS
OBSOLETE
- NO
NEW
DESIGNS


Similar Part No. - MCTA65P100F1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MCTA75P60E1 INTERSIL-MCTA75P60E1 Datasheet
50Kb / 5P
   75A, 600V P-Type MOS Controlled Thyristor (MCT)
More results

Similar Description - MCTA65P100F1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MCT3A65P100F2 INTERSIL-MCT3A65P100F2 Datasheet
67Kb / 8P
   65A, 1000V, P-Type MOS-Controlled Thyristor (MCT)
MCTG35P60F1 INTERSIL-MCTG35P60F1 Datasheet
50Kb / 5P
   35A, 600V P-Type MOS Controlled Thyristor (MCT)
MCTV75P60E1 INTERSIL-MCTV75P60E1 Datasheet
50Kb / 5P
   75A, 600V P-Type MOS Controlled Thyristor (MCT)
MCTV35P60F1D INTERSIL-MCTV35P60F1D Datasheet
53Kb / 5P
   35A, 600V P-Type MOS Controlled Thyristor (MCT) with Anti-Parallel Diode
logo
Unisonic Technologies
UTT65P04 UTC-UTT65P04 Datasheet
132Kb / 3P
   65A, 40V P-CHANNEL POWER MOSFET
logo
Hamamatsu Corporation
P2748 HAMAMATSU-P2748 Datasheet
172Kb / 4P
   MCT photoconductive detector
logo
Toshiba Semiconductor
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCA8109 TOSHIBA-TPCA8109 Datasheet
238Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC8106-H TOSHIBA-TPC8106-H Datasheet
512Kb / 7P
   SILICON P CHANNEL MOS TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com