Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YSLCXX01CW Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # YSLCXX01CW
Description  LOW CAPACITANCE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSLCXX01CW Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  YSLCXX01CW Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSLCXX01CW Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSLCXX01CW Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120305
YSLCxx01CW Series
APPLICATIONS
◆ Ethernet 10/100/1000 Base T
◆ Microprocessor based equipment
◆ Personal Digital Assistants (PDA’s)
◆ Notebooks, Desktops, and Servers
◆ Portable Instrumentation
◆ Peripherals
◆ USB Interface
IEC COMPATIBILITY
◆ IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
◆ IEC61000-4-4 (EFT) 40A (5/50ηs)
SOD-323
LOW CAPACITANCE
TVS DIODE ARRAY
FEATURES
◆ 350 Watts Peak Pulse Power per Line (tp=8/20µs)
◆ Protects one I/O line (bidirectional)
◆ Low clamping voltage
◆ Working voltages: 3.3V, 5V, 8V, 12V, 15V and 24V
◆ Low leakage current
MECHANICAL CHARACTERISTICS
◆ JEDEC SOD-323 Package
◆ Molding Compound Flammability Rating : UL 94V-O
◆ Weight 5 Millgrams (Approximate)
◆ Quantity Per Reel : 3,000pcs
◆ Reel Size : 7 inch
◆ Lead Finish : Lead Free
PIN CONFIGURATION
H


Similar Part No. - YSLCXX01CW

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSLC05C YEASHIN-YSLC05C Datasheet
998Kb / 4P
   Ultra-Low Capacitance TVS for ESD and CDE Protection
YSLC1202DT4 YEASHIN-YSLC1202DT4 Datasheet
756Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
YSLC2502P8 YEASHIN-YSLC2502P8 Datasheet
908Kb / 3P
   2.5V TVS ARRAY
YSLC3304CP8 YEASHIN-YSLC3304CP8 Datasheet
900Kb / 3P
   LOW CAPACITANCE
More results

Similar Description - YSLCXX01CW

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SLVU2.8-4 SEMITECH-SLVU2.8-4 Datasheet
256Kb / 6P
   Low capacitance
logo
Yea Shin Technology Co....
YSLC3304CP8 YEASHIN-YSLC3304CP8 Datasheet
900Kb / 3P
   LOW CAPACITANCE
logo
M/A-COM Technology Solu...
MPN1XXX-12 MA-COM-MPN1XXX-12 Datasheet
474Kb / 3P
   Low Capacitance
logo
Analog Devices
ADG1206 AD-ADG1206_15 Datasheet
434Kb / 20P
   Low Capacitance
REV. A
logo
STMicroelectronics
SCT30N120 STMICROELECTRONICS-SCT30N120 Datasheet
800Kb / 13P
   Low capacitance
June 2016 Rev 10
logo
Shanghai Semitech Semic...
MSQA6V1W5 SEMITECH-MSQA6V1W5 Datasheet
131Kb / 3P
   Low Capacitance
logo
Semtech Corporation
RCLAMP0501T SEMTECH-RCLAMP0501T Datasheet
113Kb / 6P
   Low Capacitance
logo
Shanghai Semitech Semic...
SLVU2.8-8 SEMITECH-SLVU2.8-8 Datasheet
372Kb / 7P
   Low capacitance
SLVU2.8 SEMITECH-SLVU2.8 Datasheet
321Kb / 7P
   Low Capacitance
NZQA6V8AXV5 SEMITECH-NZQA6V8AXV5 Datasheet
112Kb / 3P
   Low Capacitance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com