Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL81487EIPZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL81487EIPZ
Description  짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81487EIPZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL81487EIPZ Datasheet HTML 5Page - Intersil Corporation ISL81487EIPZ Datasheet HTML 6Page - Intersil Corporation ISL81487EIPZ Datasheet HTML 7Page - Intersil Corporation ISL81487EIPZ Datasheet HTML 8Page - Intersil Corporation ISL81487EIPZ Datasheet HTML 9Page - Intersil Corporation ISL81487EIPZ Datasheet HTML 10Page - Intersil Corporation ISL81487EIPZ Datasheet HTML 11Page - Intersil Corporation ISL81487EIPZ Datasheet HTML 12Page - Intersil Corporation ISL81487EIPZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6051.6
All the receivers include a “fail-safe if open” function that
guarantees a high level receiver output if the receiver inputs
are unconnected (floating).
Receivers easily meet the data rates supported by the
corresponding driver, and receiver outputs are three-statable
via the active low RE input.
Driver Features
The RS-485/422 driver is a differential output device that
delivers at least 1.5V across a 54
Ω load (RS-485), and at
least 2V across a 100
Ω load (RS-422). The drivers feature
low propagation delay skew to maximize bit width, and to
minimize EMI.
Driver outputs are three-statable via the active high DE
input.
The ISL8487E and ISL81487L driver outputs are slew rate
limited to minimize EMI, and to minimize reflections in
unterminated or improperly terminated networks. Data rate
on these slew rate limited versions is a maximum of
250kbps. ISL81487E drivers are not limited, so faster output
transition times allow data rates of at least 5Mbps.
Data Rate, Cables, and Terminations
RS-485/422 are intended for network lengths up to 4000’,
but the maximum system data rate decreases as the
transmission length increases. Devices operating at 5Mbps
are limited to lengths less than a few hundred feet, while the
250kbps versions can operate at full data rates with lengths
in excess of 1000’.
Twisted pair is the cable of choice for RS-485/422 networks.
Twisted pair cables tend to pick up noise and other
electromagnetically induced voltages as common mode
signals, which are effectively rejected by the differential
receivers in these ICs.
To minimize reflections, proper termination is imperative
when using the 5Mbps device. Short networks using the
250kbps versions need not be terminated, but, terminations
are recommended unless power dissipation is an overriding
concern.
In point-to-point, or point-to-multipoint (single driver on bus)
networks, the main cable should be terminated in its
characteristic impedance (typically 120
Ω) at the end farthest
from the driver. In multi-receiver applications, stubs
connecting receivers to the main cable should be kept as
short as possible. Multipoint (multi-driver) systems require
that the main cable be terminated in its characteristic
impedance at both ends. Stubs connecting a transceiver to
the main cable should be kept as short as possible.
Built-In Driver Overload Protection
As stated previously, the RS-485 spec requires that drivers
survive worst case bus contentions undamaged. These
devices meet this requirement via driver output short circuit
current limits, and on-chip thermal shutdown circuitry.
The driver output stages incorporate short circuit current
limiting circuitry which ensures that the output current never
exceeds the RS-485 spec, even at the common mode
voltage range extremes. Additionally, these devices utilize a
foldback circuit which reduces the short circuit current, and
thus the power dissipation, whenever the contending voltage
exceeds either supply.
In the event of a major short circuit condition, these devices
also include a thermal shutdown feature that disables the
drivers whenever the die temperature becomes excessive.
This eliminates the power dissipation, allowing the die to
cool. The drivers automatically re-enable after the die
temperature drops about 15 degrees. If the contention
persists, the thermal shutdown/re-enable cycle repeats until
the fault is cleared. Receivers stay operational during
thermal shutdown.
Low Power Shutdown Mode (Excluding
ISL81487E)
These CMOS transceivers all use a fraction of the power
required by their bipolar counterparts, but the ISL8487E
and ISL81487L include a shutdown feature that reduces
the already low quiescent ICC to a 500nA trickle. They
enter shutdown whenever the receiver and driver are
simultaneously disabled (RE =VCC and DE = GND) for a
period of at least 600ns. Disabling both the driver and the
receiver for less than 50ns guarantees that shutdown is not
entered.
Note that receiver and driver enable times increase when
enabling from shutdown. Refer to Notes 5-9, at the end of
the Electrical Specification table, for more information.
ESD Protection
All pins on these interface devices include class 3 Human
Body Model (HBM) ESD protection structures, but the
RS-485 pins (driver outputs and receiver inputs)
incorporate advanced structures allowing them to survive
ESD events in excess of
±15kV HBM. The RS-485 pins are
particularly vulnerable to ESD damage because they
typically connect to an exposed port on the exterior of the
finished product. Simply touching the port pins, or
connecting a cable, can cause an ESD event that might
destroy unprotected ICs. These new ESD structures
protect the device whether or not it is powered up, protect
without allowing any latchup mechanism to activate, and
without degrading the RS-485 common mode range of -7V
to +12V. This built-in ESD protection eliminates the need
for board level protection structures (e.g., transient
suppression diodes), and the associated, undesirable
capacitive load they present.
ISL8487E, ISL81487L, ISL81487E


Similar Part No. - ISL81487EIPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81487EIPZ INTERSIL-ISL81487EIPZ Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL81487EIPZ RENESAS-ISL81487EIPZ Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL81487EIPZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
   1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com