Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20135SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A20135SP
Description  LED Lighting Power Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20135SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A20135SP_15 Datasheet HTML 1Page - Renesas Technology Corp R2A20135SP_15 Datasheet HTML 2Page - Renesas Technology Corp R2A20135SP_15 Datasheet HTML 3Page - Renesas Technology Corp R2A20135SP_15 Datasheet HTML 4Page - Renesas Technology Corp R2A20135SP_15 Datasheet HTML 5Page - Renesas Technology Corp R2A20135SP_15 Datasheet HTML 6Page - Renesas Technology Corp R2A20135SP_15 Datasheet HTML 7Page - Renesas Technology Corp R2A20135SP_15 Datasheet HTML 8Page - Renesas Technology Corp R2A20135SP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R03DS0061EJ0200 Rev.2.00
Page 1 of 11
Jul 24, 2013
Preliminary Datasheet
R2A20135SP
LED Lighting Power Controller
Description
R2A20135 is LED lighting controller IC with dimming function.
High accuracy LED current feed-back system makes more efficient LED performance.
With non-Isolation step-down control makes it possible to reduce external parts and realize high power factor and
efficiency. Moreover, this IC builds in the dimming function and can control many types dimming mode such as Triac,
PWM, and DC dimming.
Switching mode can chosen Zero Current detect Mode or Fixed Frequency Mode according to the required features. By
the Constant On Time control, both modes have power factor correct function.
Zero Current detect Mode is better performance for noise immunity, and Fixed Frequency Mode is for power factor
correction and THD.
Features
• Absolute Maximum Ratings
⎯ Supply voltage Vcc: 24 V
⎯ Operating junction temperature Tjopr: –40 to +150°C
• Electrical characteristics
⎯ UVLO operating start voltage VH: 12 V ± 0.8 V
⎯ UVLO operating shutdown voltage VL: 9.2 V ± 0.7 V
⎯ UVLO hysteresis voltage Hysuvl: 2.8 V ± 0.7 V
• Functions
⎯ Dimming function (Triac, PWM, DC dimming)
⎯ Zero current detection mode (when Rrt is OPEN)
⎯ Fixed frequency mode (when Rrt is connected by GND)
⎯ Adjustable switching frequency (when Rrt is connected by GND)
⎯ Package lineup: Pb-free SOP-8 (JEDEC)
Ordering Information
Part No.
Package Name
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
R2A20135SP#W5
PRSP0008DJ-A
SP
W (2,500 pcs/reel)
R03DS0061EJ0200
Rev.2.00
Jul 24, 2013


Similar Part No. - R2A20135SP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
More results

Similar Description - R2A20135SP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
   LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP Datasheet
734Kb / 14P
   LED Lighting Power Controller
Jan 08, 2016
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
   LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
[Old version datasheet]   LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
   LED Lighting Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com