Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8563CP Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8563CP
Description  3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8563CP Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8563CP Datasheet HTML 1Page - Intersil Corporation ISL8563CP Datasheet HTML 2Page - Intersil Corporation ISL8563CP Datasheet HTML 3Page - Intersil Corporation ISL8563CP Datasheet HTML 4Page - Intersil Corporation ISL8563CP Datasheet HTML 5Page - Intersil Corporation ISL8563CP Datasheet HTML 6Page - Intersil Corporation ISL8563CP Datasheet HTML 7Page - Intersil Corporation ISL8563CP Datasheet HTML 8Page - Intersil Corporation ISL8563CP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . ... .. .. .. .. .. .. .. .. .. ... . -0.3V to 6V
V+ to Ground .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... . -0.3V to 7V
V- to Ground. . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... +0.3Vto -7V
V+ to V- .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. . 14V
Input Voltages
TIN,EN, SHDN. . . . . ... .. .. .. .. .. .. .. .. .. ... . -0.3V to 6V
RIN .. .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. ±25V
Output Voltages
TOUT .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. . ±13.2V
ROUT .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. -0.3V to VCC +0.3V
Short Circuit Duration
TOUT .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... . Continuous
ESD Rating . . . . . . . . . ... .. .. .. .. .. .. . See Specification Table
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
18 Ld PDIP Package . ... .. .. .. .. .. .. .. .. .. ..
80
18 Ld SOIC Package . ... .. .. .. .. .. .. .. .. .. ..
75
Moisture Sensitivity (see Technical Brief TB363)
All Packages. . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. Level 1
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range .. .. .. .. .. -65oCto 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
Operating Conditions
Temperature Range
ISL8563CX. .. .. .. .. ... .. .. .. .. .. .. .. .. .. .. 0oCto 70oC
ISL8563IX . .. .. .. .. ... .. .. .. .. .. .. .. .. .. . -40oCto 85oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC =3V to5.5V, C1 -C4 =0.1µF; Unless Otherwise Specified.
Typicals are at TA =25
oC
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
RS-562/RS-232 TRANSMITTERS
Output Voltage Swing
All Transmitter Outputs Loaded with 3k
Ω to Ground
Full
±5.0
±5.4
-
V
Maximum Data Rate
RL =3kΩ, CL = 1000pF, One Transmitter Switching and
Maintaining
±5V Output Swing
Full
250
500
-
kbps
Input Logic Threshold Low
TIN
Full
-
-
0.8
V
Input Logic Threshold High
TIN
VCC = 3.0V to 5.0V
Full
2.4
-
-
V
Transmitter Pull-Up Input Current
TIN
SHDN =VCC
Full
-
2
20
µA
SHDN =GND
Full
-
±0.01
±1.0
µA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3.6V to 5.5V, SHDN =GND
Full
-
-
±10
µA
Output Resistance
VCC =V+= V- =0V, Transmitter Output= ±2V
Full
300
10M
-
Output Short-Circuit Current
VOUT =0V
Full
-
±35
±60
mA
RS-562/RS-232 RECEIVERS
Input Voltage Range
Full
-25
-
25
V
Input Threshold Low
VCC = 3.3V
Full
-
1.2
0.6
V
VCC = 5.0V
Full
-
1.5
0.8
V
Input Threshold High
VCC =3.3V
Full
2.4
1.5
-
V
VCC =5.0V
Full
2.4
1.8
-
V
Input Hysteresis
VCC = 3.0V to 3.6V
Full
0.1
0.5
1.0
V
Input Resistance
Full
357
k
Output Voltage Low
IOUT =3.2mA
Full
-
-
0.4
V
Output Voltage High
IOUT = -1.0mA
Full
VCC -0.6 VCC -0.1
-
V
Output Leakage Current
EN =VCC
Full
-
±0.05
±10
µA
EN Input Logic Threshold Low
Full
-
-
0.8
V
EN Input Logic Threshold High
VCC = 3.0V to 5.0V
Full
2.4
-
-
V
POWER SUPPLY
Operating Supply Voltage
Full
3.0
-
5.5
V
Supply Current
SHDN =VCC
All Outputs Unloaded
Full
-
0.5
6.0
mA
All Outputs loaded, RL =3kΩ
25
-
14
-
mA
Supply Current, Powerdown
SHDN = GND
25
-
1
10
µA
Full
-
1
25
µA
SHDN Input Leakage Current
Full
-
±0.01
±1.0
µA
ISL8563


Similar Part No. - ISL8563CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563ECB INTERSIL-ISL8563ECB Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563ECB-T INTERSIL-ISL8563ECB-T Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
More results

Similar Description - ISL8563CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com