Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF549 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF549
Description  Blackfin Embedded Processor
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF549 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF549_15 Datasheet HTML 1Page - Analog Devices ADSP-BF549_15 Datasheet HTML 2Page - Analog Devices ADSP-BF549_15 Datasheet HTML 3Page - Analog Devices ADSP-BF549_15 Datasheet HTML 4Page - Analog Devices ADSP-BF549_15 Datasheet HTML 5Page - Analog Devices ADSP-BF549_15 Datasheet HTML 6Page - Analog Devices ADSP-BF549_15 Datasheet HTML 7Page - Analog Devices ADSP-BF549_15 Datasheet HTML 8Page - Analog Devices ADSP-BF549_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin
Embedded Processor
ADSP-BF542/ADSP-BF544/ADSP-BF547/ADSP-BF548/ADSP-BF549
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Up to 600 MHz high performance Blackfin processor
Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs
RISC-like register and instruction model
Wide range of operating voltages and flexible booting
options
Programmable on-chip voltage regulator
400-ball CSP_BGA, RoHS compliant package
MEMORY
Up to 324K bytes of on-chip memory comprised of
instruction SRAM/cache; dedicated instruction SRAM; data
SRAM/cache; dedicated data SRAM; scratchpad SRAM
External sync memory controller supporting either DDR
SDRAM or mobile DDR SDRAM
External async memory controller supporting 8-/16-bit async
memories and burst flash devices
NAND flash controller
4 memory-to-memory DMA pairs, 2 with ext. requests
Memory management unit providing memory protection
Code security with Lockbox secure technology and 128-bit
AES/ARC4 data encryption
One-time-programmable (OTP) memory
PERIPHERALS
High speed USB On-the-Go (OTG) with integrated PHY
SD/SDIO controller
ATA/ATAPI-6 controller
Up to 4 synchronous serial ports (SPORTs)
Up to 3 serial peripheral interfaces (SPI-compatible)
Up to 4 UARTs, two with automatic H/W flow control
Up to 2 CAN (controller area network) 2.0B interfaces
Up to 2 TWI (2-wire interface) controllers
8- or 16-bit asynchronous host DMA interface
Multiple enhanced parallel peripheral interfaces (EPPIs),
supporting ITU-R BT.656 video formats and 18-/24-bit LCD
connections
Media transceiver (MXVR) for connection to a MOST network
Pixel compositor for overlays, alpha blending, and color
conversion
Up to eleven 32-bit timers/counters with PWM support
Real-time clock (RTC) and watchdog timer
Up/down counter with support for rotary encoder
Up to 152 general-purpose I/O (GPIOs)
On-chip PLL capable of frequency multiplication
Debug/JTAG interface
Figure 1. ADSP-BF549 Functional Block Diagram
CAN (0-1)
TWI (0-1)
TIMERS(0-10)
KEYPAD
COUNTER
RTC
HOST DMA
JTAG TEST AND
EMULATION
UART (2-3)
EXTERNAL PORT
NOR, DDR, MDDR
SPI (2)
SPORT (0-1)
SD / SDIO
WATCHDOG
TIMER
BOOT
ROM
32
16
PIXEL
COMPOSITOR
VOLTAGE
REGULATOR
EPPI (0-2)
SPORT (2-3)
SPI (0-1)
UART (0-1)
PAB
USB
16-BIT DMA
32-BIT DMA
INTERRUPTS
L2
SRAM
L1
INSTR ROM
L1
INSTR SRAM
L1
DATA SRAM
DAB1
DAB0
OTP
16
16
DDR/MDDR
ASYNC
16
NAND FLASH
CONTROLLER
ATAPI
MXVR
DCB 32
EAB 64
DEB 32
B


Similar Part No. - ADSP-BF549_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF549BBCZ-ENG AD-ADSP-BF549BBCZ-ENG Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results

Similar Description - ADSP-BF549_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com