Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1G66A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LV1G66A
Description  Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G66A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LV1G66A_15 Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G66A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G66A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G66A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G66A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G66A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G66A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G66A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV1G66A_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HD74LV1G66A
R04DS0023EJ0800 Rev.8.00
Page 9 of 9
Jan 10, 2014
1
3
54
D
b
c
1.0 ±0.1
0.3
0.2
0.15
A1
1.3
1.1
1.55
1.6
1.55
0.12
0.5
e
e
Lp
x
y
0.2
1.65
1.65
0.22
0.07
L1
c1
c
ZD
b
A
E
D
b1
HE
A2
0.6
1.2
1.6
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
P-USON5-1.2x1.6-0.50
0.002g
MASS[Typ.]
TNP-5D/TNP-5DV
PUSN0005KA-A
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HD74LV1G66A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G66ACME RENESAS-HD74LV1G66ACME Datasheet
101Kb / 12P
   Analog Switch
HD74LV1G66ACME RENESAS-HD74LV1G66ACME Datasheet
124Kb / 9P
   Analog Switch
HD74LV1G66AVSE RENESAS-HD74LV1G66AVSE Datasheet
101Kb / 12P
   Analog Switch
HD74LV1G66AVSE RENESAS-HD74LV1G66AVSE Datasheet
124Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
More results

Similar Description - HD74LV1G66A_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com