Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8325IB Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL8325IB
Description  Low-Voltage, Single Supply, Dual SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8325IB Datasheet(HTML) 3 Page - Intersil Corporation

  ISL8325IB Datasheet HTML 1Page - Intersil Corporation ISL8325IB Datasheet HTML 2Page - Intersil Corporation ISL8325IB Datasheet HTML 3Page - Intersil Corporation ISL8325IB Datasheet HTML 4Page - Intersil Corporation ISL8325IB Datasheet HTML 5Page - Intersil Corporation ISL8325IB Datasheet HTML 6Page - Intersil Corporation ISL8325IB Datasheet HTML 7Page - Intersil Corporation ISL8325IB Datasheet HTML 8Page - Intersil Corporation ISL8325IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
Input Voltages
IN, NO, NC, COM (Note 2) . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current (NO, NC, or COM) . . . . . . . . . . . . . . . . . . 30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . 100mA
ESD Rating (Per MIL-STD-883 Method 3015). . . . . . . . . . . . . .>2kV
Operating Conditions
Temperature Range
ISL832XIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 3)
θJA (
oC/W)
8 LD SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Moisture Sensitivity (See Technical Brief TB363)
All Packages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Storage Temperature Range . . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on NC, NO, COM, or IN exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
3. θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 5)
TYP
MAX
(NOTE 5) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 4.5V, ICOM = 1.0mA, VNO or VNC = 3.5V,
See Figure 5
25
-
-
60
Full
-
-
75
RON Matching Between Channels,
∆RON
V+ = 5V, ICOM = 1.0mA, VNO or VNC= 3V
25
-
0.8
2
Full
-
-
4
RON Flatness, RFLAT(ON)
V+ = 5V, ICOM = 1.0mA, VNO or VNC = 1V, 2V, 3V
Full
-
7
8
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 1V, 4.5V, VNO or VNC = 4.5V, 1V,
Note 6
25
-0.1
-
0.1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 5.5V, VCOM = 4.5V, 1V, VNO or VNC = 1V, 4.5V,
Note 6
25
-0.1
-
0.1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = 5V, or VNO or VNC = 5V, Note 6
25
-0.2
-
0.2
nA
Full
-10
-
10
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 3V, RL =1kΩ, CL = 35pF, VIN = 0 to 3V,
See Figure 1
25
-
-
150
ns
Full
-
-
240
ns
Turn-OFF Time, tOFF
VNO or VNC = 3V, RL =1kΩ, CL = 35pF, VIN = 0 to 3V,
See Figure 1
25
-
-
100
ns
Full
-
-
150
ns
Break-Before-Make Time Delay
(ISL8325), tD
RL = 300Ω, CL = 35pF, VNO = VNC = 3V, VIN = 0 to 3V,
See Figure 3
Full
2
10
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, See Figure 2
25
-
-
5
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz, See Figure 4
25
-
72
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz, See Figure 6
25
-
-85
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
9
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
9
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
22
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
2.7
12
V
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+, all channels on or off
Full
-1
0.0001
1
µA
ISL8323, ISL8324, ISL8325


Similar Part No. - ISL8325IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8325IB INTERSIL-ISL8325IB Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL8325IBZ INTERSIL-ISL8325IBZ Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8325IBZ RENESAS-ISL8325IBZ Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results

Similar Description - ISL8325IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com