Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74CBT1G126 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74CBT1G126
Description  Single FET Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CBT1G126 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74CBT1G126_15 Datasheet HTML 1Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 2Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 3Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 4Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 5Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 6Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74CBT1G126
R04DS0016EJ0200 Rev.2.00
Page 3 of 6
Jan 10, 2014
DC Electrical Characteristics
(Ta =
−40 to 85°C)
Item
Symbol
VCC (V)
Min
Typ
*1
Max
Unit
Test conditions
Clamp diode voltage
VIK
4.5
–1.2
V
IIN = –18 mA
Input voltage
VIH
4.0 to 5.5
V
VIL
4.0 to 5.5
0.8
On-state switch resistance
*2
RON
4.0
14
20
Ω
VIN = 2.4 V, IIN = 15 mA
Typ at VCC = 4.0 V
4.5
5
7
VIN = 0 V, IIN = 64 mA
4.5
5
7
VIN = 0 V, IIN = 30 mA
4.5
10
15
VIN = 2.4 V, IIN = 15 mA
Input current
IIN
0 to 5.5
±1.0
μAVIN = 5.5 V or GND
Off-state leakage current
IOZ
5.5
±1.0
μA0 ≤ A, B ≤ VCC
Quiescent supply current
ICC
5.5
1.0
μAVIN = VCC or GND, IO = 0 mA
Increase in ICC per input
*3
ΔICC
5.5
2.5
mA
One input at 3.4 V,
other inputs at VCC or GND
Notes:
For condition shown as Min or Max use the appropriate values under recommended operating conditions.
1. All typical values are at VCC = 5 V (unless otherwise noted), Ta = 25°C.
2. Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-
state resistance is determined by the lower voltage of the two (A or B) terminals.
3. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC
or GND.
Capacitance
(Ta = 25°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test conditions
Control input capacitance
CIN
5.0
3
pF
VIN = 0 or 3 V
Input / output capacitance
CI/O (OFF)
5.0
5
pF
VO = 0 or 3 V, OE = VCC
Note:
This parameter is determined by device characterization is not production tested.


Similar Part No. - HD74CBT1G126_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT1G126CME RENESAS-HD74CBT1G126CME Datasheet
85Kb / 7P
   Single FET Bus Switch
More results

Similar Description - HD74CBT1G126_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385 Datasheet
189Kb / 5P
   SINGLE FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125_15 Datasheet
162Kb / 7P
   Single FET Bus Switch
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385_15 Datasheet
210Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G384 TI-SN74CBT1G384 Datasheet
53Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DBVR TI-SN74CBT1G384DBVR Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G125DBVR TI1-SN74CBT1G125DBVR Datasheet
851Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G384 UTC-U74CBT1G384 Datasheet
171Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G66 TI-SN74CBT1G66 Datasheet
84Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com