Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74CBT1G126 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74CBT1G126
Description  Single FET Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CBT1G126 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74CBT1G126_15 Datasheet HTML 1Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 2Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 3Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 4Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 5Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 6Page - Renesas Technology Corp HD74CBT1G126_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74CBT1G126
R04DS0016EJ0200 Rev.2.00
Page 5 of 6
Jan 10, 2014
Waveforms – 1
Input
10 %
1.5 V
1.5 V
90 %
t r
90 %
3 V
GND
10 %
t f
Output
1.5 V
1.5 V
t PLH
V
t PHL
OH
VOL
Waveforms – 2
Waveform - B
Notes: 1. All input pulses are supplied by generators having the following characteristics :
PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
2. Waveform - A is for an output with internal conditions such that the output is low except
when disabled by the output control.
3. Waveform - B is for an output with internal conditions such that the output is high except
when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.
Waveform - A
VOH
VOL
V
+ 0.3 V
OL
V
- 0.3 V
OH
Output
Control
10 %
10 %
1.5 V
1.5 V
90 %
t r
90 %
3 V
3.5 V
GND
GND
t f
1.5 V
1.5 V
t HZ
t LZ
t ZH
t ZL


Similar Part No. - HD74CBT1G126_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT1G126CME RENESAS-HD74CBT1G126CME Datasheet
85Kb / 7P
   Single FET Bus Switch
More results

Similar Description - HD74CBT1G126_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385 Datasheet
189Kb / 5P
   SINGLE FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125_15 Datasheet
162Kb / 7P
   Single FET Bus Switch
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385_15 Datasheet
210Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G384 TI-SN74CBT1G384 Datasheet
53Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DBVR TI-SN74CBT1G384DBVR Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G125DBVR TI1-SN74CBT1G125DBVR Datasheet
851Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G384 UTC-U74CBT1G384 Datasheet
171Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G66 TI-SN74CBT1G66 Datasheet
84Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com