Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-BF523C Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF523C
Description  Blackfin Embedded Processor with Codec
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF523C Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF523C_15 Datasheet HTML 1Page - Analog Devices ADSP-BF523C_15 Datasheet HTML 2Page - Analog Devices ADSP-BF523C_15 Datasheet HTML 3Page - Analog Devices ADSP-BF523C_15 Datasheet HTML 4Page - Analog Devices ADSP-BF523C_15 Datasheet HTML 5Page - Analog Devices ADSP-BF523C_15 Datasheet HTML 6Page - Analog Devices ADSP-BF523C_15 Datasheet HTML 7Page - Analog Devices ADSP-BF523C_15 Datasheet HTML 8Page - Analog Devices ADSP-BF523C_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin Embedded
Processor with Codec
ADSP-BF522C/ADSP-BF523C/ADSP-BF524C/ADSP-BF525C/ADSP-BF526C/ADSP-BF527C
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2010 Analog Devices, Inc. All rights reserved.
PROCESSOR FEATURES
Up to 600 MHz high performance Blackfin processor
RISC-like register and instruction model for ease of
programming and compiler-friendly support
Advanced debug, trace, and performance monitoring
Accepts a wide range of supply voltages for internal and I/O
operations. See operating conditions in the published
ADSP-BF52x processor data sheet.
Programmable on-chip voltage regulator (ADSP-BF523/
ADSP-BF525/ADSP-BF527processors only)
Embedded low power audio codec
289-ball (12 mm x 12 mm) CSP_BGA package
132K bytes of on-chip memory
External memory controller with glueless support for SDRAM
and asynchronous 8-bit and 16-bit memories
Flexible booting options from external flash, SPI and TWI
memory or from host devices including SPI, TWI, and UART
Code security with Lockbox Secure Technology
one-time-programmable (OTP) memory
Memory management unit providing memory protection
2 dual-channel memory DMA controllers
EMBEDDED CODEC FEATURES
Stereo, 24-bit ADCs and DACs
DAC SNR: 100 dB (A-weighted), THD: –80 dB at 48 kHz, 3.3 V
ADC SNR: 90 dB (A-weighted), THD: –80 dB at 48 kHz, 3.3 V
Highly efficient headphone amplifier
Stereo line input and monaural microphone input
Low power
7 mW stereo playback (1.8 V supply)
14 mW record and playback (1.8 V supply)
Low supply voltages
Analog: 1.8 V to 3.6 V
Digital core: 1.8 V min
Digital I/O: 1.8 V to 3.6 V
256 × fS /384 × fS oversampling rate in normal mode;
250 × fS/272 × fS oversampling rate in USB mode
Audio sampling rates: 8 kHz, 11.025 kHz, 12 kHz, 16 kHz,
22.05 kHz, 24 kHz, 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz,
and 96 kHz
PERIPHERALS
See the published ADSP-BF52x processor data sheet for
additional peripherals
SPORT0
TIMER0
VOLTAGE REGULATOR*
*REGULATOR AVAILABLE ON ADSP-BF523/ADSP-BF525/ADSP-BF527 PROCESSORS ONLY
PORT J
GPIO
PORT H
GPIO
PORT G
GPIO
PORT F
JTAG TEST AND EMULATION
PERIPHERAL
ACCESS BUS
OTP MEMORY
COUNTER
WATCHDOG TIMER
RTC
TWI
SPORT1
NFC
PPI
UART0
SPI
TIMER7-1
EMAC
HOST DMA
BOOT
ROM
DMA
ACCESS
BUS
INTERRUPT
CONTROLLER
DMA
CONTROLLER
L1 DATA
MEMORY
L1 INSTRUCTION
MEMORY
USB
16
DCB
EAB
EXTERNAL PORT
FLASH, SDRAM CONTROL
B
UART1
DEB
CODEC


Similar Part No. - ADSP-BF523C_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF523C AD-ADSP-BF523C Datasheet
2Mb / 44P
   Blackfin Embedded Processor 289-ball MBGA package
Rev. PrC
More results

Similar Description - ADSP-BF523C_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF527C AD-ADSP-BF527C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF525C AD-ADSP-BF525C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF522C AD-ADSP-BF522C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF524C AD-ADSP-BF524C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF526C AD-ADSP-BF526C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com