Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR12CM-12B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CR12CM-12B
Description  600V - 12A - Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR12CM-12B Datasheet(HTML) 8 Page - Renesas Technology Corp

  CR12CM-12B_15 Datasheet HTML 1Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 2Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 3Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 4Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 5Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 6Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 7Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 8Page - Renesas Technology Corp CR12CM-12B_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CR12CM-12B
Preliminary
R07DS0232EJ0300 Rev.3.00
Page 8 of 8
Jul 30, 2013
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
CR12CM-12B#BB0
Tube
50 pcs.
Straight type
CR12CM-12B-A8#BB0
Tube
50 pcs.
A8 Lead form
Note:
Please confirm the specification about the shipping in detail.


Similar Part No. - CR12CM-12B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12CM-12B RENESAS-CR12CM-12B_13 Datasheet
130Kb / 9P
   Thyristor Medium Power Use
More results

Similar Description - CR12CM-12B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR12FM-12B RENESAS-CR12FM-12B Datasheet
94Kb / 7P
   600V-12A-Thyristor Medium Power Use
CR12FM-12B RENESAS-CR12FM-12B_15 Datasheet
94Kb / 7P
   600V-12A-Thyristor Medium Power Use
CR12CM-12A RENESAS-CR12CM-12A_15 Datasheet
124Kb / 9P
   600V - 12A - Thyristor Medium Power Use
logo
Sanyo Semicon Device
DTN12 SANYO-DTN12 Datasheet
95Kb / 3P
   12A Bidirectional Thyristor???
DTC12-N SANYO-DTC12-N Datasheet
98Kb / 3P
   12A Bidirectional Thyristor?
DTM12-N SANYO-DTM12-N Datasheet
100Kb / 3P
   12A Bidirectional Thyristor???
logo
SemiHow Co.,Ltd.
HTX12-600 SEMIHOW-HTX12-600 Datasheet
282Kb / 6P
   600V 12A TRIAC
logo
Hi-Sincerity Mocroelect...
HST12 HSMC-HST12 Datasheet
129Kb / 4P
   TRIAC 600V,12A
logo
Mospec Semiconductor
F12C30 MOSPEC-F12C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(12A,300-600V)
logo
Alpha & Omega Semicondu...
AOT12N60FD AOSMD-AOT12N60FD Datasheet
279Kb / 6P
   600V, 12A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com