Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6605IB-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6605IB-T
Description  Synchronous Rectified MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6605IB-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6605IB-T Datasheet HTML 1Page - Intersil Corporation ISL6605IB-T Datasheet HTML 2Page - Intersil Corporation ISL6605IB-T Datasheet HTML 3Page - Intersil Corporation ISL6605IB-T Datasheet HTML 4Page - Intersil Corporation ISL6605IB-T Datasheet HTML 5Page - Intersil Corporation ISL6605IB-T Datasheet HTML 6Page - Intersil Corporation ISL6605IB-T Datasheet HTML 7Page - Intersil Corporation ISL6605IB-T Datasheet HTML 8Page - Intersil Corporation ISL6605IB-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN9091.5
January 4, 2005
Functional Pin Description
Note: Pin numbers refer to the SOIC package. Check
PINOUT diagrams for QFN pin numbers.
UGATE (Pin 1)
Upper gate drive output. Connect to gate of high-side power
N-Channel MOSFET.
BOOT (Pin 2)
Floating bootstrap supply pin for the upper gate drive.
Connect the bootstrap capacitor between this pin and the
PHASE pin. The bootstrap capacitor provides the charge to
turn on the upper MOSFET. See the Bootstrap Diode and
Capacitor section under DESCRIPTION for guidance in
choosing the appropriate capacitor value.
PWM (Pin 3)
The PWM signal is the control input for the driver. The PWM
signal can enter three distinct states during operation (see the
three-state PWM Input section under DESCRIPTION for further
details). Connect this pin to the PWM output of the controller.
GND (Pin 4)
Ground pin. All signals are referenced to this node.
LGATE (Pin 5)
Lower gate drive output. Connect to gate of the low-side
power N-Channel MOSFET.
VCC (Pin 6)
Connect this pin to a +5V bias supply. Place a high quality
bypass capacitor from this pin to GND.
EN (Pin 7)
Enable input pin. Connect this pin to HIGH to enable and
LOW to disable the IC. When disabled, the IC draws less
than 1
µA bias current.
PHASE (Pin 8)
Connect this pin to the source of the upper MOSFET and the
drain of the lower MOSFET. This pin provides a return path
for the upper gate driver.
Thermal Pad (in QFN only)
In the QFN package, the pad underneath the center of the
IC is a thermal substrate. The PCB “thermal land” design
for this exposed die pad should include thermal vias that
drop down and connect to one or more buried copper
plane(s). This combination of vias for vertical heat escape
and buried planes for heat spreading allows the QFN to
achieve its full thermal potential. This pad should be either
grounded or floating, and it should not be connected to
other nodes. Refer to TB389 for design guidelines.
Description
Operation
Designed for speed, the ISL6605 MOSFET driver controls both
high-side and low-side N-Channel FETs from one externally
provided PWM signal.
A rising edge on PWM initiates the turn-off of the lower
MOSFET (see Timing Diagram). After a short propagation
delay [tPDLLGATE], the lower gate begins to fall. Typical fall
times [tFLGATE] are provided in the Electrical Specifications
section. Adaptive shoot-through circuitry monitors the
LGATE voltage and determines the upper gate delay time
[tPDHUGATE] based on how quickly the LGATE voltage drops
below 1V. This prevents both the lower and upper MOSFETs
from conducting simultaneously or shoot-through. Once this
delay period is completed the upper gate drive begins to rise
[tRUGATE] and the upper MOSFET turns on.
A falling transition on PWM indicates the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. A short
propagation delay [tPDLUGATE] is encountered before the
upper gate begins to fall [tFUGATE]. Again, the adaptive shoot-
through circuitry determines the lower gate delay time,
tPDHLGATE. The upper MOSFET gate voltage is monitored
and the lower gate is allowed to rise after the upper MOSFET
gate-to-source voltage drops below 1V. The lower gate then
rises [tRLGATE], turning on the lower MOSFET.
Timing Diagram
PWM
UGATE
LGATE
tPDLLGATE
tFLGATE
tPDHUGATE
tRUGATE
tPDLUGATE
tFUGATE
tPDHLGATE
tRLGATE
ISL6605


Similar Part No. - ISL6605IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605IB INTERSIL-ISL6605IB Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605IB INTERSIL-ISL6605IB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
logo
Renesas Technology Corp
ISL6605IB RENESAS-ISL6605IB Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6605IBZ INTERSIL-ISL6605IBZ Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605IBZ INTERSIL-ISL6605IBZ Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
More results

Similar Description - ISL6605IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com