Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6558IBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6558IBZ
Description  Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6558IBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6558IBZ Datasheet HTML 4Page - Intersil Corporation ISL6558IBZ Datasheet HTML 5Page - Intersil Corporation ISL6558IBZ Datasheet HTML 6Page - Intersil Corporation ISL6558IBZ Datasheet HTML 7Page - Intersil Corporation ISL6558IBZ Datasheet HTML 8Page - Intersil Corporation ISL6558IBZ Datasheet HTML 9Page - Intersil Corporation ISL6558IBZ Datasheet HTML 10Page - Intersil Corporation ISL6558IBZ Datasheet HTML 11Page - Intersil Corporation ISL6558IBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN9027.12
June 21, 2005
Operation
Figure 1 shows a simplified diagram of the voltage regulation
and current control loops for a two-phase converter. Both
voltage and current feedback are used to precisely regulate
output voltage and tightly control phase currents, IL1 and IL2,
of the two power channels.
Voltage Loop
Output voltage feedback is applied via the resistor
combination of RFB and ROS to the inverting input of the
error amplifier. This signal drives the error amplifier output
high or low, depending upon the scaled output voltage in
relation to the reference voltage of 0.8V. The amplifier output
voltage is distributed among the active PWM channels and
summed with their individual current correction signals. The
resultant signal, VERROR, is fed into the PWM control
circuitry for each channel. Within this block, the signal is
compared with a sawtooth ramp signal. The sawtooth ramp
signal applied to each channel is out-of-phase with the
others. The resulting duty cycle signal for each channel is
determined by the movement of the correction voltage,
VERROR, relative to the sawtooth ramp. The individual duty
cycle signals are sent to their respective HIP660x gate
drivers from the PWM pins. The HIP660x gate drivers then
switch their upper and lower MOSFETs in accordance to this
PWM signal.
Current Loop
The current control loop keeps the channel currents in
balance. During the PWM off-time of each channel, the
voltage developed across the rDS(ON) of the lower MOSFET
is sampled. The current is scaled by the RISEN resistor and
provides feedback proportional to the output current of each
channel. The scaled output current from all active channels
are combined to create an average current reference,
ITOTAL, relative to the converter’s total output current. This
signal is then subtracted from the individual channel scaled
output currents to produce a current correction signal for
each channel. The current correction signal keeps each
channel’s output current contribution balanced relative to the
other active channels. Each current correction signal is then
subtracted from the error amplifier output and fed to the
individual channel PWM circuits.
For example, assume the voltage sampled across Q4 in
Figure 1 is higher than that sampled across Q2. The ISEN2
current would be higher then ISEN1. When the two
reference currents are averaged, they still accurately
represent the total output current of the converter. The
reference current ITOTAL is then subtracted from the ISEN
currents. This results in a positive offset for Channel 2 and a
negative offset for Channel 1. These offsets are subtracted
from the error amplifier signal and perform phase balance
correction. The VERROR2 signal is reduced, while VERROR1
would be increased. The PWM circuit would then reduce the
pulse width to lower the output current contribution by
Channel 2, while doing the opposite to Channel 1.
Droop Compensation
Microprocessors and other peripherals tend to change their
load current demands often from near no-load to full load
during operation. These same devices require minimal
output voltage deviation from nominal during a load step.
A high di/dt load step will cause an output voltage spike. The
amplitude of the spike is dictated by the output capacitor
ESR (effective series resistance) multiplied by the load step
magnitude and output capacitor ESL (equivalent series
inductance) times the load step di/dt. A positive load step
produces a negative output voltage spike and visa versa.
The overall output voltage deviation could exceed the
tolerance of some devices. One widely accepted solution to
this problem is output voltage “droop” or active voltage
positioning.
Droop is set relative to the output voltage tolerance
specifications of the load device. Most device tolerance
specifications straddle the nominal output voltage. At no-
load, the output voltage is set to a slightly higher than
nominal level, VOUT,NL. At full load, the output voltage is set
to a slightly lower than nominal level, VOUT,FL. The result is
a desire to have an output voltage characteristic as shown
by the load line in Figure 2.
With droop implemented and a positive load step, the
resulting negative output voltage spike begins from the slightly
elevated level of VOUT,NL. Similarly, if the load steps from full
load, IOUT,MAX, back to no-load, IOUT,NL, the output voltage
starts from the slightly lower VOUT,FL position. These few
millivolts of offset help reduce the size and cost of output
capacitors required to handle a given load step.
Droop is an optional feature of the ISL6558. It is
implemented by connecting the DROOP and FB pins as
shown in Figure 1. An internal current source, IDROOP,
feeds out of the DROOP pin. The magnitude of IDROOP is
controlled by the scaled representation of the total output
current created from the individual ISEN currents. IDROOP
creates a voltage drop across RFB and offsets the output
VOUT,NL
VOUT,FL
IOUT,MAX
IOUT,NL
FIGURE 2. SIMPLE OUTPUT DEVICE LOAD LINE
VOUT,NOM
IOUT,MID
NOMINAL LOAD LINE
DROOP LOAD LIN
E
ISL6558


Similar Part No. - ISL6558IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558IBZ RENESAS-ISL6558IBZ Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
ISL6558IBZ-T RENESAS-ISL6558IBZ-T Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
More results

Similar Description - ISL6558IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6558 RENESAS-ISL6558 Datasheet
845Kb / 17P
   Multi-Purpose Precision Multi-Phase PWM Controller With Optional Active Voltage Positioning
logo
Intersil Corporation
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
   Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Semtech Corporation
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com