Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6608CR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6608CR
Description  Synchronous Rectified MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6608CR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6608CR Datasheet HTML 2Page - Intersil Corporation ISL6608CR Datasheet HTML 3Page - Intersil Corporation ISL6608CR Datasheet HTML 4Page - Intersil Corporation ISL6608CR Datasheet HTML 5Page - Intersil Corporation ISL6608CR Datasheet HTML 6Page - Intersil Corporation ISL6608CR Datasheet HTML 7Page - Intersil Corporation ISL6608CR Datasheet HTML 8Page - Intersil Corporation ISL6608CR Datasheet HTML 9Page - Intersil Corporation ISL6608CR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Description
Theory of Operation
Designed for speed, the ISL6608 dual MOSFET driver controls
both high-side and low-side N-Channel FETs from one
externally provided PWM signal.
A rising edge on PWM initiates the turn-off of the lower
MOSFET (see Figure 1, Timing Diagram). After a short
propagation delay [tPDLL], the lower gate begins to fall.
Typical fall times [tFL] are provided in the Electrical
Specifications section. Adaptive shoot-through circuitry
monitors the LGATE voltage. When LGATE has fallen below
1V, UGATE is allowed to turn ON. This prevents both the
lower and upper MOSFETs from conducting simultaneously,
or shoot-through.
A falling transition on PWM indicates the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. A short
propagation delay [tPDLU] is encountered before the upper
gate begins to fall [tFU]. The upper MOSFET gate-to-source
voltage is monitored, and the lower gate is allowed to rise
after the upper MOSFET gate-to-source voltage drops below
1V. The lower gate then rises [tRL], turning on the lower
MOSFET.
This driver is optimized for converters with large step down
compared to the upper MOSFET because the lower
MOSFET conducts for a much longer time in a switching
period. The lower gate driver is therefore sized much larger
to meet this application requirement.
The 0.5
Ω on-resistance and 4A sink current capability
enable the lower gate driver to absorb the current injected to
the lower gate through the drain-to-gate capacitor of the
lower MOSFET and prevent a shoot through caused by the
high dv/dt of the phase node.
PWM
UGATE
LGATE
tPDLL
tFL
tPDHU
tRU
tPDLU
tFU
tPDHL
tRL
1V
2.5V
tRU
tFU
tFL
1V
tPTS
tTSSHD
tTSSHD
tPTS
FIGURE 1. TIMING DIAGRAM
ISL6608


Similar Part No. - ISL6608CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6608CR INTERSIL-ISL6608CR Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608CR RENESAS-ISL6608CR Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608CR-T INTERSIL-ISL6608CR-T Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608CR-T RENESAS-ISL6608CR-T Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608CRZ INTERSIL-ISL6608CRZ Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
More results

Similar Description - ISL6608CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com