Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6565ACRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6565ACRZ
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6565ACRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6565ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6565ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6565ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6565ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6565ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6565ACRZ Datasheet HTML 12Page - Intersil Corporation ISL6565ACRZ Datasheet HTML 13Page - Intersil Corporation ISL6565ACRZ Datasheet HTML 14Page - Intersil Corporation ISL6565ACRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
Figures 19 and 20 in the section entitled Input Capacitor
Selection can be used to determine the input-capacitor RMS
current based on load current, duty cycle, and the number of
channels. They are provided as aids in determining the
optimal input capacitor solution.
PWM Operation
The timing of each converter leg is set by the number of
active channels. The default channel setting for the
ISL6565A, ISL6565B is three. One switching cycle is defined
as the time between PWM1 pulse termination signals. The
pulse termination signal is the internally generated clock
signal that triggers the falling edge of PWM1. The cycle time
of the pulse termination signal is the inverse of the switching
frequency set by the resistor between the FS pin and
ground. Each cycle begins when the clock signal commands
PWM1 to go low. The PWM1 transition signals the channel-1
MOSFET driver to turn off the channel-1 upper MOSFET
and turn on the channel-1 synchronous MOSFET. In the
default channel configuration, the PWM2 pulse terminates
1/3 of a cycle after the PWM1 pulse. The PWM3 pulse
terminates 1/3 of a cycle after PWM2.
If PWM3 is connected to VCC, two channel operation is
selected and the PWM2 pulse terminates 1/2 of a cycle after
the PWM1 pulse terminates.
Once a PWM pulse transitions low, it is held low for a
minimum of 1/3 cycle. This forced off time is required to
ensure an accurate current sample. Current sensing is
described in the next section. After the forced off time
expires, the PWM output is enabled. The PWM output state
is driven by the position of the error amplifier output signal,
VCOMP, minus the current correction signal relative to the
sawtooth ramp as illustrated in Figure 6. When the modified
VCOMP voltage crosses the sawtooth ramp, the PWM output
transitions high. The MOSFET driver detects the change in
state of the PWM signal and turns off the synchronous
MOSFET and turns on the upper MOSFET. The PWM signal
will remain high until the pulse termination signal marks the
beginning of the next cycle by triggering the PWM signal low.
Current Sampling
During the forced off-time, following a PWM transition low,
the current-sense amplifier uses the ISEN inputs to
reproduce a signal proportional to the inductor current, IL.
No matter which current-sense method is employed, the
sense current (ISEN) is simply a scaled version of the
inductor current. The sample window opens exactly 1/6 of
the switching period, tSW, after the PWM transitions low. The
sample window then stays open for a fixed amount of time,
tSAMPLE, and is equal to 1/6 of the switching period, tSW as
illustrated in Figure 3.
The sampled current, at the end of the tSAMPLE, is
proportional to the inductor current and is held until the next
switching period sample. The sampled current is used for
current balance, load-line regulation, and overcurrent
protection.
Current Sensing
The ISL6565A supports MOSFET rDS(ON) current sensing,
while the ISL6565B supports inductor DCR current sensing.
The internal circuitry, shown in Figures 4 and 5, represent
channel n of an N-channel converter. This circuitry is
repeated for each channel in the converter, but may not be
active depending on the status of the PWM3 pin, as
described in the PWM Operation section.
MOSFET rDS(ON) SENSING (ISL6565A ONLY)
The ISL6565A senses the channel load current by sampling
the voltage across the lower MOSFET rDS(ON), as shown in
Figure 4. A ground-referenced operational amplifier, internal
to the ISL6565A, is connected to the PHASE node through a
resistor, RISEN. The voltage across RISEN is equivalent to
the voltage drop across the rDS(ON) of the lower MOSFET
while it is conducting. The resulting current into the ISEN pin
is proportional to the channel current, IL. The ISEN current is
sampled and held as described in the Current Sampling
section. From Figure 4, the following equation for In is
derived where IL is the channel current.
tSAMPLE
tSW
6
----------
1
6fSW
------------------
==
(EQ. 3)
FIGURE 3. SAMPLE AND HOLD TIMING
TIME
PWM
IL
ISEN
NEW SAMPLE CURRENT
tSAMPLE
SWITCHING PERIOD
OLD SAMPLE
CURRENT
In
IL
rDS ON
()
RISEN
----------------------
=
(EQ. 4)
ISL6565A, ISL6565B


Similar Part No. - ISL6565ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6565ACRZ RENESAS-ISL6565ACRZ Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
More results

Similar Description - ISL6565ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
   Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com