Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB2FB Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MB2FB
Description  Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MB2FB Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MB2FB Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MB2FB Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Bridge Rectifier
MB1FB ~ MB10FB
Typical Characterisitics
10
20
30
00
10
100
1
40
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°
C
T =25
J
°
C
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°
C
0.2
0.4
0.6
0.8
1.0
0.0
25
50
75
100
125
150
175
Fig.1
Derating Curve
Average Rectified Output Current
Ambient Temperature (°C)
1.2
Glass Epoxy PC Board
Resistive or Inductive Load
0.5
1.0
1.5
2.0
0.0
Fig.3 Typical Instaneous Forward
Characteristics
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T =25
J
°
C
pulse with 300μs
1% duty cycle


Similar Part No. - MB2FB

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB2F PACELEADER-MB2F Datasheet
241Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Kingtronics Internation...
MB2F KINGTRONICS-MB2F Datasheet
347Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 1.0 Ampere
logo
Shanghai Leiditech Elec...
MB2F LEIDITECH-MB2F Datasheet
1Mb / 3P
   Glass Passivated Die Construction
logo
Shenzhen Ping Sheng Ele...
MB2F PFS-MB2F Datasheet
588Kb / 2P
   Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Jinan Jing Heng Electro...
MB2F JINGHENG-MB2F Datasheet
1Mb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
More results

Similar Description - MB2FB

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com