Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6580CR Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6580CR
Description  Integrated Power Stage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6580CR Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6580CR Datasheet HTML 7Page - Intersil Corporation ISL6580CR Datasheet HTML 8Page - Intersil Corporation ISL6580CR Datasheet HTML 9Page - Intersil Corporation ISL6580CR Datasheet HTML 10Page - Intersil Corporation ISL6580CR Datasheet HTML 11Page - Intersil Corporation ISL6580CR Datasheet HTML 12Page - Intersil Corporation ISL6580CR Datasheet HTML 13Page - Intersil Corporation ISL6580CR Datasheet HTML 14Page - Intersil Corporation ISL6580CR Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
Voltage Identification Codes (VID)
AVP (Adaptive Voltage Positioning)
Load Line Specifications
Recent Voltage Regulator specs require the regulated
output voltage to decrease as load current increases as it
would with a small output resistance (~0.5 to 1.5m
Ω). A
typical (VRD10) specification for output voltage is:
Vout_max = VVID –Iload*.00135
Vout_min = VVID -0.04V-Iload*0.00135
VOUT (V) VID4
VID3
VID2
VID1
VID0
VID5
0.8375
010
100
0.8500
010
011
0.8625
010
010
0.8750
010
001
0.8875
010
000
0.9000
001
111
0.9125
001
110
0.9250
001
101
0.9375
001
100
0.9500
001
011
0.9625
001
010
0.9750
001
001
0.9875
001
000
1.0000
000
111
1.0125
000
110
1.0250
000
101
1.0375
000
100
1.0500
000
011
1.0625
000
010
1.0750
000
001
1.0875
000
000
OFF
111
111
OFF
111
110
1.1000
111
101
1.1125
111
100
1.1250
111
011
1.1375
111
010
1.1500
111
001
1.1625
111
000
1.1750
110
111
1.1875
110
110
1.2000
110
101
1.2125
110
100
1.2250
110
011
1.2375
110
010
1.2500
110
001
1.2625
111
000
1.2750
101
111
1.2875
101
110
1.3000
101
101
1.3125
101
100
1.3250
101
011
1.3375
101
010
1.3500
101
001
1.3625
100
000
1.3750
10
0111
1.3875
10
0110
1.4000
10
0101
1.4125
10
0100
1.4250
10
0011
1.4375
10
0010
1.4500
10
0001
1.4625
10
1000
1.4750
01
1111
1.4875
01
1110
1.5000
01
1101
1.5125
01
1100
1.5250
01
1011
1.5375
01
1010
1.5500
01
1001
1.5625
01
0000
1.5750
01
0111
1.5875
01
0110
1.6000
01
0101
VOUT (V) VID4
VID3
VID2
VID1
VID0
VID5
FIGURE 4. TYPICAL LOAD LINE SPECS (VRD10) AND THE
AFFECT OF AVP LOAD LINE SETTINGS
ISL6580


Similar Part No. - ISL6580CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
ISL6504A INTERSIL-ISL6504A Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504A RENESAS-ISL6504A Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
ISL6504ACB INTERSIL-ISL6504ACB Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6580CR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
   Integrated DrMOS Power Stage
Rev. A, 08-Feb-10
SIC769ACD VISHAY-SIC769ACD Datasheet
538Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC769CD VISHAY-SIC769CD Datasheet
385Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779_12 Datasheet
369Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
logo
Intersil Corporation
ISL6597 INTERSIL-ISL6597 Datasheet
102Kb / 2P
   ISL6597 Integrated Power Stage
logo
Vishay Siliconix
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
logo
International Rectifier
AUIRCS3040N IRF-AUIRCS3040N Datasheet
854Kb / 17P
   Integrated Power Stage Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com