Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6569ACB Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6569ACB
Description  Multi-Phase PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6569ACB Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6569ACB Datasheet HTML 1Page - Intersil Corporation ISL6569ACB Datasheet HTML 2Page - Intersil Corporation ISL6569ACB Datasheet HTML 3Page - Intersil Corporation ISL6569ACB Datasheet HTML 4Page - Intersil Corporation ISL6569ACB Datasheet HTML 5Page - Intersil Corporation ISL6569ACB Datasheet HTML 6Page - Intersil Corporation ISL6569ACB Datasheet HTML 7Page - Intersil Corporation ISL6569ACB Datasheet HTML 8Page - Intersil Corporation ISL6569ACB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN9092.2
December 29, 2004
Absolute Maximum Ratings
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Input, Output, or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 3kV
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Information
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SOIC Package (Note 1) . . . . . . . . . . . .
63
N/A
QFN Package (Notes 2, 3) . . . . . . . . . .
32
4
Maximum Junction Temperature
. . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to
150oC
Maximum Lead Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stress above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational section of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
3.
For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Operating Conditions: VCC = 5V, TA = 0
o C to 70oC. Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN = 5VDC; RT = 100 kΩ ±1%
8.0
10.8
14.0
mA
Shutdown Supply
VCC = 5VDC; EN = 0VDC; RT = 100 kΩ ±1%
8.0
10.3
13.0
mA
SHUNT REGULATOR
VCC Voltage
VCC tied to 12VDC thru 300
Ω resistor, RT = 100kΩ
5.63
5.8
5.97
V
VCC Sink Current
VCC tied to 12VDC thru 300
Ω resistor, RT = 100kΩ
15
20
25
mA
POWER-ON RESET AND ENABLE
POR Threshold
VCC Rising
4.25
4.35
4.50
V
VCC Falling
3.75
3.85
4.00
V
ENABLE Threshold
EN Rising
1.205
1.23
1.255
V
Hysteresis
86
92
98
mV
REFERENCE VOLTAGE AND DAC
Reference Voltage
0.792
0.8
0.808
V
System Accuracy
(Note 4)
-0.5
-
0.5
%VID
VID on Fly Step Size
RT = 100kΩ
-25-
mV
VID Pull Up
--20
-
µA
VID Input Low Level
-0.8
V
VID Input High Level
-
1.36
1.6
V
PIN-ADJUSTABLE OFFSET
OFS Current
-
100
-
µA
Offset Accuracy
ROFS = 5.00k
Ω ±1%
47.0
50.0
53.0
mV
OSCILLATOR
Accuracy
-10
-
10
%
Adjustment Range
0.08
-
1.0
MHz
ISL6569A


Similar Part No. - ISL6569ACB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6569ACB RENESAS-ISL6569ACB Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
ISL6569ACBZ RENESAS-ISL6569ACBZ Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6569ACB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com