Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6556BCR-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6556BCR-T
Description  Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6556BCR-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6556BCR-T Datasheet HTML 4Page - Intersil Corporation ISL6556BCR-T Datasheet HTML 5Page - Intersil Corporation ISL6556BCR-T Datasheet HTML 6Page - Intersil Corporation ISL6556BCR-T Datasheet HTML 7Page - Intersil Corporation ISL6556BCR-T Datasheet HTML 8Page - Intersil Corporation ISL6556BCR-T Datasheet HTML 9Page - Intersil Corporation ISL6556BCR-T Datasheet HTML 10Page - Intersil Corporation ISL6556BCR-T Datasheet HTML 11Page - Intersil Corporation ISL6556BCR-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN9097.4
December 28, 2004
PIN-ADJUSTABLE OFFSET
Voltage at OFS pin
Offset resistor connected to ground
485
500
515
mV
VCC = 5.00V, offset resistor connected to VCC
2.91
3.00
3.09
V
OSCILLATOR
Accuracy
RT = 100kΩ
-10
-
10
%
Adjustment Range
0.08
-
1.5
MHz
Sawtooth Amplitude
-1.5
-
V
Max Duty Cycle
-
66.7
-
%
ERROR AMPLIFIER
Open-Loop Gain
RL = 10kΩ to ground
-
80
-
dB
Open-Loop Bandwidth
CL = 100pF, RL = 10kΩ to ground
-
18
-
MHz
Slew Rate
CL = 100pF
4.5
6.0
7.5
V/
µs
Maximum Output Voltage
4.0
4.3
-
V
Output High Voltage @ 2mA
3.7
-
-
V
Output Low Voltage @ 2mA
--
1.35
V
REMOTE-SENSE AMPLIFIER
Bandwidth
-20
-
MHz
Output High Current
VSEN - RGND = 2.5V
-500
-
500
µA
Output High Current
VSEN - RGND = 0.6
-500
-
500
µA
PWM OUTPUT
PWM Output Voltage LOW Threshold
Iload = ±500
µA
--
0.3
V
PWM Output Voltage HIGH Threshold
Iload = ±500
µA
4.3
-
-
V
TEMPERATURE COMPENSATION
Temperature Compensation Current @ 40
°C and
Tcomp = 0.5V
10
15
20
µA
Temperature Compensation Transconductance
-
1
-
1
µA/V/°C
SENSE CURRENT
Sensed Current Tolerance
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80
µA, 0°C to 105°C
74
81
91
µA
Overcurrent Trip Level
98
110
122
µA
POWER GOOD AND PROTECTION MONITORS
PGOOD Low Voltage
IPGOOD = 4mA
-
-
0.4
V
Undervoltage Offset From VID
VSEN Falling
72
74
76
%VID
Overvoltage Threshold
Voltage above VID, after Soft-Start (Note 5)
180
200
220
mV
Before Enable
-
1.63
-
V
VCC < POR Threshold
1.7
1.8
1.87
V
Overvoltage Reset Voltage
VCC
≥ POR Threshold, VSEN Falling
-
0.6
-
V
VCC < POR Threshold
-
1.5
-
V
OVP Drive Voltage
IOVP = -100mA, VCC = 5V
-
1.9
-
V
Minimum VCC for OVP
1.4
-
-
V
NOTES:
4. When using the internal shunt regulator, VCC is clamped to 6.02V (max). Current must be limited to 25mA or less.
5. These parts are designed and adjusted for accuracy with all errors in the voltage loop included.
6. During soft-start, VDAC rises from 0 to VID. The overvoltage trip level is the higher of 1.7V and VDAC + 0.2V.
Electrical Specifications
Operating Conditions: VCC = 5V or ICC < 25mA (Note 4), TJ = 0°C to 105°C.
Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6556B


Similar Part No. - ISL6556BCR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556BCR RENESAS-ISL6556BCR Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCRZ RENESAS-ISL6556BCRZ Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
More results

Similar Description - ISL6556BCR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556B RENESAS-ISL6556B Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
   6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
   4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
   Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com