Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6556BCBZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6556BCBZ-T
Description  Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6556BCBZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6556BCBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6556BCBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6556BCBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6556BCBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6556BCBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6556BCBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6556BCBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6556BCBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6556BCBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN9097.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Dynamic VID™ is a trademark of Intersil Americas Inc. Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6556B
Optimized Multi-Phase PWM Controller
with 6-Bit DAC and Programmable Internal
Temperature Compensation for VR10.X
Application
The ISL6556B controls microprocessor core voltage
regulation by driving up to 4 synchronous-rectified buck
channels in parallel. Multi-phase buck converter architecture
uses interleaved timing to multiply channel ripple frequency
and reduce input and output ripple currents.
The ISL6556B utilizes rDS(ON) current sensing in each
phase for adaptive voltage positioning (droop), channel-
current balancing, and overcurrent protection. To ensure the
accuracy of droop, a programmable internal temperature
compensation function is implemented to nullify the effect of
rDS(ON) temperature sensitivity.
A unity gain, differential amplifier is provided for remote voltage
sensing. Any potential difference between remote and local
grounds can be eliminated using the remote-sense amplifier.
The precision threshold-sensitive enable input is available to
accurately coordinate the startup of the ISL6556B with Intersil
MOSFET driver IC. Dynamic-VID™ technology allows
seamless on-the-fly VID changes. The offset pin allows accurate
voltage offset settings that are independent of VID setting. The
ISL6556B uses 5V bias and has a built-in shunt regulator to
allow 12V bias using only a small external limiting resistor.
Features
• Precision Multi-Phase Core Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.5% System Accuracy Over Temperature and Life
- Adjustable Reference-Voltage Offset
• Precision rDS(ON) Current Sensing
- Integrated Programmable Temperature Compensation
- Accurate Load-Line Programming
- Accurate Channel-Current Balancing
- Low-Cost, Lossless Current Sensing
• Internal Shunt Regulator for 5V or 12V Biasing
• Microprocessor Voltage Identification Input
- Dynamic VID™ Technology
- 6-Bit VID Input
- 0.8375V to 1.600V in 12.5mV Steps
• Threshold Enable Function for Precision Sequencing
• Overcurrent Protection
• Overvoltage Protection
- No Additional External Components Needed
- OVP Pin to drive optional Crowbar Device
• 2, 3, or 4 Phase Operation up to 1.5MHz per Phase
• QFN Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
- QFN Near Chip Scale Package Footprint; Improves
PCB Efficiency, Thinner in Profile
Pb-free Available (RoHS Compliant)
Ordering Information
PART NUMBER TEMP. (°C)
PACKAGE
PKG. DWG. #
ISL6556BCB*
0 to 70
28 Ld SOIC
M28.3
ISL6556BCBZ*
(Note)
0 to 70
28 Ld SOIC (Pb-free) M28.3
ISL6556BCBZA
-T (Note)
0 to 70
28 Ld SOIC Tape and
Reel (Pb-free)
M28.3
ISL6556BCR*
0 to 70
32 Ld 5x5B QFN
L32.5x5B
ISL6556BCRZ*
(Note)
0 to 70
32 Ld 5x5B QFN
(Pb-free)
L32.5x5B
* Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 28, 2004


Similar Part No. - ISL6556BCBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556BCBZ RENESAS-ISL6556BCBZ Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCBZA RENESAS-ISL6556BCBZA Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
More results

Similar Description - ISL6556BCBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556B RENESAS-ISL6556B Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
   6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
   4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
   Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com