Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6556BCR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6556BCR
Description  Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6556BCR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6556BCR Datasheet HTML 2Page - Intersil Corporation ISL6556BCR Datasheet HTML 3Page - Intersil Corporation ISL6556BCR Datasheet HTML 4Page - Intersil Corporation ISL6556BCR Datasheet HTML 5Page - Intersil Corporation ISL6556BCR Datasheet HTML 6Page - Intersil Corporation ISL6556BCR Datasheet HTML 7Page - Intersil Corporation ISL6556BCR Datasheet HTML 8Page - Intersil Corporation ISL6556BCR Datasheet HTML 9Page - Intersil Corporation ISL6556BCR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
FN9097.4
December 28, 2004
ISL6556B
Typical Application of ISL6556BCR
VID3
+5V
PWM
VCC
BOOT
UGATE
PHASE
+12V
VIN
+12V
VIN
+12V
VIN
+12V
VIN
VID4
PGOOD
VID2
VID1
VID0
VSEN
VDIFF
FB
COMP VCC
GND
RGND
ISEN1
PWM1
PWM2
ISEN2
PWM3
ISEN3
PWM4
ISEN4
ISL6556BCR
µP
LOAD
VID12.5
ENLL
OVP
FS
OFS
PVCC
TCOMP
VID_PGOOD
LGATE
GND
HIP6601B
PWM
VCC
BOOT
UGATE
PHASE
PVCC
LGATE
GND
HIP6601B
PWM
VCC
BOOT
UGATE
PHASE
PVCC
LGATE
GND
HIP6601B
PWM
VCC
BOOT
UGATE
PHASE
PVCC
LGATE
GND
HIP6601B
OFSOUT
EN
REF
+12V
RT


Similar Part No. - ISL6556BCR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556BCR RENESAS-ISL6556BCR Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
ISL6556BCRZ RENESAS-ISL6556BCRZ Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
More results

Similar Description - ISL6556BCR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6556B RENESAS-ISL6556B Datasheet
1Mb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Monolithic Power System...
MP2932 MPS-MP2932 Datasheet
465Kb / 23P
   6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
MP2930 MPS-MP2930 Datasheet
1Mb / 24P
   4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
logo
Intersil Corporation
ISL6565A INTERSIL-ISL6565A Datasheet
722Kb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
logo
Renesas Technology Corp
ISL6565A RENESAS-ISL6565A Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Current Sensing for VR10.X Application
ISL6561 RENESAS-ISL6561 Datasheet
1Mb / 27P
   Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
logo
Intersil Corporation
ISL6561 INTERSIL-ISL6561 Datasheet
782Kb / 26P
   Multi-Phase PWM Controller with Precision Rds(on) or DCR Differential Current Sensing for VR10.X Application
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com