Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5401 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N5401
Description  PNP Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N5401 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N5401_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N5401_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
2N5401
-0.6 A, -160 V
PNP Plastic Encapsulated Transistor
4-Feb-2010 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - 2N5401_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N5401 UTC-2N5401_15 Datasheet
256Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - 2N5401_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com